Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4443362 Datasheet(PDF) 1 Page - NEC

Part # UPD4443362
Description  4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4443362 Datasheet(HTML) 1 Page - NEC

  UPD4443362 Datasheet HTML 1Page - NEC UPD4443362 Datasheet HTML 2Page - NEC UPD4443362 Datasheet HTML 3Page - NEC UPD4443362 Datasheet HTML 4Page - NEC UPD4443362 Datasheet HTML 5Page - NEC UPD4443362 Datasheet HTML 6Page - NEC UPD4443362 Datasheet HTML 7Page - NEC UPD4443362 Datasheet HTML 8Page - NEC UPD4443362 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
MOS INTEGRATED CIRCUIT
µµµµPD4443362
4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM
128K-WORD BY 36-BIT
HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
DATA SHEET
Document No. M14439EJ2V0DS00 (2nd edition)
Date Published February 2001 NS CP(K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
Description
The
µPD4443362 is a 131,072 words by 36 bits synchronous static RAM fabricated with advanced CMOS
technology using Full-CMOS six-transistor memory cell.
The
µPD4443362 is suitable for applications which require synchronous operation, high-speed, low voltage, high-
density memory and wide bit configuration, such as cache and buffer memory.
The
µPD4443362 is packaged in 100-pin plastic LQFP with a 1.4 mm package thickness for high density and low
capacitive loading.
Features
• Fully synchronous operation
• HSTL Input / Output levels
• Fast clock access time : 3.8 ns (133 MHz)
• Asynchronous output enable control : /G
• Byte write control : /SBa (DQa1-9), /SBb (DQb1-9), /SBc (DQc1-9), /SBd (DQd1-9)
• Common I/O using three-state outputs
• Internally self-timed write cycle
• Late write with 1 dead cycle between Read-Write
• 3.3 V (Chip) / 1.5 V (I/O) supply
• 100-pin plastic LQFP package, 14 mm x 20 mm
• Sleep Mode : ZZ (Enables sleep mode, active high)
Ordering Information
Part number
Access time
Clock frequency
Package
µPD4443362GF-A75
3.8 ns
133 MHz
100-PIN PLASTIC LQFP (14 x 20)
5
5
5
5
5
5
5
5


Similar Part No. - UPD4443362

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
logo
Renesas Technology Corp
UPD444001 RENESAS-UPD444001 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD444001LE-10 NEC-UPD444001LE-10 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
logo
Renesas Technology Corp
UPD444001LE-10 RENESAS-UPD444001LE-10 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
UPD444001LE-10-A RENESAS-UPD444001LE-10-A Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD4443362

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4483362 NEC-UPD4483362 Datasheet
94Kb / 16P
   8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD44323362 NEC-UPD44323362 Datasheet
252Kb / 28P
   32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Renesas Technology Corp
HM64YLB36514 RENESAS-HM64YLB36514 Datasheet
205Kb / 22P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36514 RENESAS-HM64YLB36514_15 Datasheet
218Kb / 24P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36512 RENESAS-HM64YLB36512 Datasheet
360Kb / 31P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100_15 Datasheet
232Kb / 23P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YLB36512 RENESAS-HM64YLB36512_15 Datasheet
395Kb / 33P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com