Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4481162 Datasheet(PDF) 2 Page - NEC

Part # UPD4481162
Description  8M-BIT ZEROSB SRAM PIPELINED OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4481162 Datasheet(HTML) 2 Page - NEC

  UPD4481162 Datasheet HTML 1Page - NEC UPD4481162 Datasheet HTML 2Page - NEC UPD4481162 Datasheet HTML 3Page - NEC UPD4481162 Datasheet HTML 4Page - NEC UPD4481162 Datasheet HTML 5Page - NEC UPD4481162 Datasheet HTML 6Page - NEC UPD4481162 Datasheet HTML 7Page - NEC UPD4481162 Datasheet HTML 8Page - NEC UPD4481162 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
Data Sheet M15562EJ3V0DS
µPD4481162, 4481182, 4481322, 4481362
Ordering Information
(1/2)
Part number
Access
Clock
Core Supply
I/O Interface
Operating
Package
Time
Frequency
Voltage
Temperature
ns
MHz
V
°C
µPD4481162GF-A44
2.8
225
3.3 ± 0.165
3.3 V LVTTL
Note
0 to 70
100-pin PLASTIC
µPD4481162GF-A50
3.2
200
LQFP (14 x 20)
µPD4481162GF-A60
3.5
167
3.3 V or 2.5 V LVTTL
µPD4481162GF-A75
4.2
133
µPD4481182GF-A44
2.8
225
3.3 V LVTTL
Note
µPD4481182GF-A50
3.2
200
µPD4481182GF-A60
3.5
167
3.3 V or 2.5 V LVTTL
µPD4481182GF-A75
4.2
133
µPD4481322GF-A44
2.8
225
3.3 V LVTTL
Note
µPD4481322GF-A50
3.2
200
µPD4481322GF-A60
3.5
167
3.3 V or 2.5 V LVTTL
µPD4481322GF-A75
4.2
133
µPD4481362GF-A44
2.8
225
3.3 V LVTTL
Note
µPD4481362GF-A50
3.2
200
µPD4481362GF-A60
3.5
167
3.3 V or 2.5 V LVTTL
µPD4481362GF-A75
4.2
133
µPD4481162GF-C60
3.5
167
2.5 ± 0.125
2.5 V LVTTL
µPD4481162GF-C75
4.2
133
µPD4481182GF-C60
3.5
167
µPD4481182GF-C75
4.2
133
µPD4481322GF-C60
3.5
167
µPD4481322GF-C75
4.2
133
µPD4481362GF-C60
3.5
167
µPD4481362GF-C75
4.2
133
Note Although 2.5V LVTTL interface can also be used, a performance becomes equivalent to -A60 (167 MHz).


Similar Part No. - UPD4481162

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481161 NEC-UPD4481161 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-A65 NEC-UPD4481161GF-A65 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-A75 NEC-UPD4481161GF-A75 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-A85 NEC-UPD4481161GF-A85 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-C75 NEC-UPD4481161GF-C75 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4481162

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481161 NEC-UPD4481161 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD44321182 NEC-UPD44321182 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM PIPELINED OPERATIO
UPD44321181 NEC-UPD44321181 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
logo
Samsung semiconductor
K7A203200A SAMSUNG-K7A203200A Datasheet
279Kb / 15P
   64Kx32-Bit Synchronous Pipelined Burst SRAM
K7A403200M SAMSUNG-K7A403200M Datasheet
411Kb / 15P
   128Kx32-Bit Synchronous Pipelined Burst SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com