Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4481162GF-A44 Datasheet(PDF) 5 Page - NEC

Part # UPD4481162GF-A44
Description  8M-BIT ZEROSB SRAM PIPELINED OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4481162GF-A44 Datasheet(HTML) 5 Page - NEC

  UPD4481162GF-A44 Datasheet HTML 1Page - NEC UPD4481162GF-A44 Datasheet HTML 2Page - NEC UPD4481162GF-A44 Datasheet HTML 3Page - NEC UPD4481162GF-A44 Datasheet HTML 4Page - NEC UPD4481162GF-A44 Datasheet HTML 5Page - NEC UPD4481162GF-A44 Datasheet HTML 6Page - NEC UPD4481162GF-A44 Datasheet HTML 7Page - NEC UPD4481162GF-A44 Datasheet HTML 8Page - NEC UPD4481162GF-A44 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
Data Sheet M15562EJ3V0DS
µPD4481162, 4481182, 4481322, 4481362
Pin Identifications
[
µµµµPD4481162GF, µµµµPD4481182GF]
Symbol
Pin No.
Description
A0 to A18
37, 36, 35, 34, 33, 32, 100, 99, 82, 81,
Synchronous Address Input
44, 45, 46, 47, 48, 49, 50, 83, 80
I/O1 to I/O16
58, 59, 62, 63, 68, 69, 72, 73, 8, 9, 12, 13, Synchronous Data In,
18, 19, 22, 23
Synchronous / Asynchronous Data Out
I/OP1, NC
Note
74
Synchronous Data In (Parity),
I/OP2, NC
Note
24
Synchronous / Asynchronous Data Out (Parity)
ADV
85
Synchronous Address Load / Advance Input
/CE, CE2, /CE2
98, 97, 92
Synchronous Chip Enable Input
/WE
88
Synchronous Write Enable Input
/BW1, /BW2
93, 94
Synchronous Byte Write Enable Input
/G
86
Asynchronous Output Enable Input
CLK
89
Clock Input
/CKE
87
Synchronous Clock Enable Input
MODE
31
Asynchronous Burst Sequence Select Input
Have to tied to VDD or VSS during normal operation
ZZ
64
Asynchronous Power Down State Input
VDD
14, 15, 16, 41, 65, 66, 91
Power Supply
VSS
17, 40, 67, 90
Ground
VDDQ
4, 11, 20, 27, 54, 61, 70, 77
Output Buffer Power Supply
VSSQ
5, 10, 21, 26, 55, 60, 71, 76
Output Buffer Ground
NC
1, 2, 3, 6, 7, 25, 28, 29, 30, 38, 39, 42, 43, No Connection
51, 52, 53, 56, 57, 75, 78, 79, 84, 95, 96
Note NC (No Connection) is used in the
µPD4481162GF.
I/OP1 and I/OP2 are used in the
µPD4481182GF.


Similar Part No. - UPD4481162GF-A44

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481161 NEC-UPD4481161 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-A65 NEC-UPD4481161GF-A65 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-A75 NEC-UPD4481161GF-A75 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-A85 NEC-UPD4481161GF-A85 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4481161GF-C75 NEC-UPD4481161GF-C75 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4481162GF-A44

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4481161 NEC-UPD4481161 Datasheet
326Kb / 28P
   8M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD44321182 NEC-UPD44321182 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM PIPELINED OPERATIO
UPD44321181 NEC-UPD44321181 Datasheet
299Kb / 24P
   32M-BIT ZEROSB SRAM FLOW THROUGH OPERATION
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
logo
Samsung semiconductor
K7A203200A SAMSUNG-K7A203200A Datasheet
279Kb / 15P
   64Kx32-Bit Synchronous Pipelined Burst SRAM
K7A403200M SAMSUNG-K7A403200M Datasheet
411Kb / 15P
   128Kx32-Bit Synchronous Pipelined Burst SRAM
K7A203600A SAMSUNG-K7A203600A Datasheet
413Kb / 15P
   64Kx36-Bit Synchronous Pipelined Burst SRAM
K7A803600A SAMSUNG-K7A803600A Datasheet
545Kb / 20P
   256Kx36 & 512Kx18-Bit Synchronous Pipelined Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com