Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4482183GF-A50 Datasheet(PDF) 9 Page - NEC

Part # UPD4482183GF-A50
Description  8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4482183GF-A50 Datasheet(HTML) 9 Page - NEC

Back Button UPD4482183GF-A50 Datasheet HTML 5Page - NEC UPD4482183GF-A50 Datasheet HTML 6Page - NEC UPD4482183GF-A50 Datasheet HTML 7Page - NEC UPD4482183GF-A50 Datasheet HTML 8Page - NEC UPD4482183GF-A50 Datasheet HTML 9Page - NEC UPD4482183GF-A50 Datasheet HTML 10Page - NEC UPD4482183GF-A50 Datasheet HTML 11Page - NEC UPD4482183GF-A50 Datasheet HTML 12Page - NEC UPD4482183GF-A50 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
Data Sheet M14904EJ3V0DS
µPD4482163, 4482183, 4482323, 4482363
Asynchronous Truth Table
Operation
/G
I/O
Read Cycle
L
Dout
Read Cycle
H
High-Z
Write Cycle
×
High-Z, Din
Deselected
×
High-Z
Remark
× : don’t care
Synchronous Truth Table
Operation
/CE
CE2
/CE2
/AP
/AC
/ADV
/WRITE
CLK
Address
Deselected
Note
H
×××
L
××
L
→ H
None
Deselected
Note
LL
×
L
××
×
L
→ H
None
Deselected
Note
L
×
HL
××
×
L
→ H
None
Deselected
Note
LL
×
HL
××
L
→ H
None
Deselected
Note
L
×
HH
L
××
L
→ H
None
Read Cycle / Begin Burst
L
H
L
L
××
×
L
→ H
External
Read Cycle / Begin Burst
L
H
L
H
L
×
HL
→ H
External
Read Cycle / Continue Burst
×××
HH
L
H
L
→ HNext
Read Cycle / Continue Burst
H
×××
HL
H
L
→ HNext
Read Cycle / Suspend Burst
×××
HH
H
H
L
→ H
Current
Read Cycle / Suspend Burst
H
×××
HH
H
L
→ H
Current
Write Cycle / Begin Burst
L
H
L
H
L
×
LL
→ H
External
Write Cycle / Continue Burst
×××
HH
L
L
L
→ HNext
Write Cycle / Continue Burst
H
×××
HL
L
L
→ HNext
Write Cycle / Suspend Burst
×××
HH
H
L
L
→ H
Current
Write Cycle / Suspend Burst
H
×××
HH
L
L
→ H
Current
Note Deselect status is held until new “Begin Burst” entry.
Remarks 1.
× : don’t care
2. /WRITE = L means any one or more byte write enables (/BW1, /BW2, /BW3 or /BW4) and /BWE are
LOW or /GW is LOW.
/WRITE = H means the following two cases.
(1) /BWE and /GW are HIGH.
(2) /BW1, /BW2 and /GW are HIGH, and /BWE is LOW. [
µPD4482163, µPD4482183]
/BW1 to /BW4 and /GW are HIGH, and /BWE is LOW. [
µPD4482323, µPD4482363]


Similar Part No. - UPD4482183GF-A50

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482181 NEC-UPD4482181 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A65 NEC-UPD4482181GF-A65 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A75 NEC-UPD4482181GF-A75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A85 NEC-UPD4482181GF-A85 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-C75 NEC-UPD4482181GF-C75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4482183GF-A50

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Silicon Solu...
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com