Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD44164085F5-E60-EQ1 Datasheet(PDF) 1 Page - NEC

Part # UPD44164085F5-E60-EQ1
Description  18M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44164085F5-E60-EQ1 Datasheet(HTML) 1 Page - NEC

  UPD44164085F5-E60-EQ1 Datasheet HTML 1Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 2Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 3Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 4Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 5Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 6Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 7Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 8Page - NEC UPD44164085F5-E60-EQ1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD44164085, 44164185, 44164365
18M-BIT DDRII SRAM SEPARATE I/O
2-WORD BURST OPERATION
Document No. M15823EJ7V
1DS00 (7th edition)
Date Published
July 2004 NS CP(K)
Printed in Japan
DATA SHEET
2001
Description
The
µPD44164085 is a 2,097,152-word by 8-bit, the µPD44164185 is a 1,048,576-word by 18-bit and the
µPD44164365 is a 524,288-word by 36-bit synchronous double data rate static RAM fabricated with advanced CMOS
technology using full CMOS six-transistor memory cell.
The
µPD44164085, µPD44164185 and µPD44164365 integrates unique synchronous peripheral circuitry and a
burst counter. All input registers controlled by an input clock pair (K and /K) are latched on the positive edge of K and
/K.
These products are suitable for application which require synchronous operation, high speed, low voltage, high
density and wide bit configuration.
These products are packaged in 165-pin PLASTIC BGA.
Features
• 1.8 ± 0.1 V power supply and HSTL I/O
• DLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports
• DDR read or write operation initiated each cycle
• Pipelined double data rate operation
• Separate data input/output bus
• Two-tick burst for low DDR transaction size
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output clocks (C and /C) for precise flight time and clock skew matching-clock
and data delivered together to receiving device
• Internally self-timed write control
• Clock-stop capability with
µs restart
• User programmable impedance output
• Fast clock cycle time : 4.0 ns (250 MHz), 5.0 ns (200 MHz), 6.0 ns (167 MHz)
• Simple control logic for easy depth expansion
• JTAG boundary scan


Similar Part No. - UPD44164085F5-E60-EQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44164085A-A RENESAS-UPD44164085A-A Datasheet
590Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164085AF5-E33-EQ2-A RENESAS-UPD44164085AF5-E33-EQ2-A Datasheet
590Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164085AF5-E40-EQ2-A RENESAS-UPD44164085AF5-E40-EQ2-A Datasheet
590Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44164085AF5-E50-EQ2-A RENESAS-UPD44164085AF5-E50-EQ2-A Datasheet
590Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD44164085F5-E60-EQ1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
   36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44164082 NEC-UPD44164082 Datasheet
282Kb / 32P
   18M-BIT DDRII SRAM 2-WORD BURST OPERATION
logo
Renesas Technology Corp
PD44164095B RENESAS-PD44164095B_15 Datasheet
480Kb / 35P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD46184095B RENESAS-UPD46184095B Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
Nov 09, 2012
PD46184095B RENESAS-PD46184095B_15 Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
PD46184095B RENESAS-PD46184095B Datasheet
601Kb / 34P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44164095B RENESAS-UPD44164095B Datasheet
468Kb / 35P
   18M-BIT DDR II SRAM SEPARATE I/O 2-WORD BURST OPERATION
October 6, 2011
logo
NEC
UPD44164084 NEC-UPD44164084 Datasheet
394Kb / 32P
   18M-BIT DDRII SRAM 4-WORD BURST OPERATION
logo
Renesas Technology Corp
R1Q6A7236ABG RENESAS-R1Q6A7236ABG_15 Datasheet
803Kb / 35P
   72-Mbit DDRII SRAM Separate I/O 2-word Burst
logo
NEC
UPD44165082 NEC-UPD44165082 Datasheet
385Kb / 32P
   18M-BIT QDRII SRAM 2-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com