Electronic Components Datasheet Search |
|
UPD44323362F1-C40-FJ1 Datasheet(PDF) 8 Page - NEC |
|
UPD44323362F1-C40-FJ1 Datasheet(HTML) 8 Page - NEC |
8 / 28 page 8 Data Sheet M16379EJ4V0DS µµµµPD44323362 DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) Parameter Symbol Conditions MIN. TYP. MAX. Unit Input leakage current ILI VIN = 0 to VDD –5 +5 µA DQ leakage current ILO VI/O = 0 to VDDQ, /SS = VIH or /G = VIH –5 +5 µA Operating supply current ICC VIN = VIH or VIL, /SS = VIL, ZZ = VIL, 550 mA cycle = 250 MHz, IDQ = 0 mA Quiescent active power ICC2 VIN = VIH or VIL, /SS = VIL, ZZ = VIL, 250 mA supply current Cycle = 4 MHz, IDQ = 0 mA Sleep mode power supply ISBZZ ZZ = VIH, All other inputs = VIH or VIL, 150 mA current Cycle = DC, IDQ = 0 mA Power supply standby ISBSS VIN = VIH or VIL, /SS = VIH, ZZ = VIL, 300 mA current Cycle = 250 MHz, IDQ = 0 mA Output Voltage on Controlled Impedance Push-Pull Output Buffer Mode (VZQ = IZQ ×××× RQ) Parameter Symbol Conditions MIN. TYP. MAX. Unit Low level output voltage VOL IOL = (VDDQ/2) / (RQ/5) ± 15% VSS VDDQ/2 V @VOL = VDDQ / 2 (175 Ω < RQ < 350 Ω) High level output voltage VOH IOH = (VDDQ/2) / (RQ/5) ± 15% VDDQ/2 VDDQ V @VOH = VDDQ / 2 (175 Ω < RQ < 350 Ω) Output Voltage on Push-Pull Output Buffer Mode (VZQ = VDD) Parameter Symbol Conditions MIN. TYP. MAX. Unit Low level output voltage VOL IOL = +4 mA – 0.3 V High level output voltage VOH IOH = –4 mA VDDQ – 0.3 – V |
Similar Part No. - UPD44323362F1-C40-FJ1 |
|
Similar Description - UPD44323362F1-C40-FJ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |