Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD44324084 Datasheet(PDF) 3 Page - NEC

Part # UPD44324084
Description  36M-BIT DDRII SRAM 4-WORD BURST OPERAT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44324084 Datasheet(HTML) 3 Page - NEC

  UPD44324084 Datasheet HTML 1Page - NEC UPD44324084 Datasheet HTML 2Page - NEC UPD44324084 Datasheet HTML 3Page - NEC UPD44324084 Datasheet HTML 4Page - NEC UPD44324084 Datasheet HTML 5Page - NEC UPD44324084 Datasheet HTML 6Page - NEC UPD44324084 Datasheet HTML 7Page - NEC UPD44324084 Datasheet HTML 8Page - NEC UPD44324084 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
Preliminary Data Sheet
M16781EJ1V0DS
µPD44324084, 44324094, 44324184, 44324364
Pin Configurations
/
××× indicates active low signal.
165-pin PLASTIC FBGA (13 x 15)
(Top View)
[
µPD44324084F5-EQ2]
1
2
3
4
5
6
7
8
9
10
11
A
/CQ
VSS
A
R, /W
/NW1
/K
NC
/LD
A
A
CQ
B
NC
NC
NC
A
NC
K
/NW0
A
NC
NC
DQ3
C
NC
NC
NC
VSS
A
NC
A
VSS
NC
NC
NC
D
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
DQ4
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
NC
DQ5
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
/DLL
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ1
NC
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
DQ6
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ0
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
N
NC
NC
NC
VSS
A
A
A
VSS
NC
NC
NC
P
NC
NC
DQ7
A
A
C
A
A
NC
NC
NC
R
TDO
TCK
A
A
A
/C
A
A
A
TMS
TDI
A
: Address inputs
TMS
: IEEE 1149.1 Test input
DQ0 to DQ7
: Data inputs / outputs
TDI
: IEEE 1149.1 Test input
/LD
: Synchronous load
TCK
: IEEE 1149.1 Clock input
R, /W
: Read Write input
TDO
: IEEE 1149.1 Test output
/NW0, /NW1
: Nibble Write data select
VREF
: HSTL input reference input
K, /K
: Input clock
VDD
: Power Supply
C, /C
: Output clock
VDDQ
: Power Supply
CQ, /CQ
: Echo clock
VSS
: Ground
ZQ
: Output impedance matching
NC
: No connection
/DLL
: DLL disable
Remarks 1. Refer to Package Drawing for the index mark.
2. 2A and 7A are expansion addresses: 2A for 72Mb and 7A for 144Mb.


Similar Part No. - UPD44324084

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44324084-A RENESAS-UPD44324084-A Datasheet
583Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44324084F5-E37-EQ2-A RENESAS-UPD44324084F5-E37-EQ2-A Datasheet
583Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44324084F5-E40-EQ2-A RENESAS-UPD44324084F5-E40-EQ2-A Datasheet
583Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
UPD44324084F5-E50-EQ2-A RENESAS-UPD44324084F5-E50-EQ2-A Datasheet
583Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD44324084

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44324082 NEC-UPD44324082 Datasheet
396Kb / 40P
   36M-BIT DDRII SRAM 2-WORD BURST OPERATION
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
   36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44164084 NEC-UPD44164084 Datasheet
394Kb / 32P
   18M-BIT DDRII SRAM 4-WORD BURST OPERATION
UPD44325084 NEC-UPD44325084 Datasheet
377Kb / 36P
   36M-BIT QDRII SRAM 4-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD46365084B RENESAS-UPD46365084B Datasheet
598Kb / 39P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
Nov 09 2012
PD46365084B RENESAS-PD46365084B_15 Datasheet
598Kb / 39P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
UPD44325084B RENESAS-UPD44325084B Datasheet
446Kb / 40P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
September 12, 2011
PD44325084B RENESAS-PD44325084B_15 Datasheet
458Kb / 40P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
PD46365084B RENESAS-PD46365084B Datasheet
598Kb / 39P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com