Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD44324084F5-E50-EQ2 Datasheet(PDF) 10 Page - NEC

Part # UPD44324084F5-E50-EQ2
Description  36M-BIT DDRII SRAM 4-WORD BURST OPERAT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD44324084F5-E50-EQ2 Datasheet(HTML) 10 Page - NEC

Back Button UPD44324084F5-E50-EQ2 Datasheet HTML 6Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 7Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 8Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 9Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 10Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 11Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 12Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 13Page - NEC UPD44324084F5-E50-EQ2 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Preliminary Data Sheet
M16781EJ1V0DS
µPD44324084, 44324094, 44324184, 44324364
Burst Sequence
Linear Burst Sequence Table
[
µPD44324184, µPD44324364]
A1, A0
A1, A0
A1, A0
A1, A0
External Address
0, 0
0, 1
1, 0
1, 1
1st Internal Burst Address
0, 1
1, 0
1, 1
0, 0
2nd Internal Burst Address
1, 0
1, 1
0, 0
0, 1
3rd Internal Burst Address
1, 1
0, 0
0, 1
1, 0
Truth Table
Operation
/LD
R, /W
CLK
DQ
WRITE cycle
L
L
L
→ H
Data in
Load address, input write data on two
Input data
D(A1)
D(A2)
D(A3)
D(A4)
consecutive K and /K rising edge
Input clock
K(t+1)
/K(t+1)
K(t+2)
/K(t+2)
READ cycle
L
H
L
→ H
Data out
Load address, read data on two
Output data
Q(A1)
Q(A2)
Q(A3)
Q(A4)
consecutive C and /C rising edge
Output clock
/C(t+1)
C(t+2)
/C(t+2)
C(t+3)
NOP (No operation)
H
X
L
→ H
High-Z
STANDBY(Clock stopped)
X
X
Stopped
Previous state
Remarks 1. H : High level, L : Low level,
× : don’t care, ↑ : rising edge.
2. Data inputs are registered at K and /K rising edges. Data outputs are delivered at C and /C rising edges
except if C and /C are HIGH then Data outputs are delivered at K and /K rising edges.
3. All control inputs in the truth table must meet setup/hold times around the rising edge (LOW to HIGH) of
K. All control inputs are registered during the rising edge of K.
4. This device contains circuitry that will ensure the outputs will be in high impedance during power-up.
5. Refer to state diagram and timing diagrams for clarification.
6. A1 refers to the address input during a WRITE or READ cycle. A2, A3 and A4 refer to the next internal
burst address in accordance with the linear burst sequence.
7. It is recommended that K = /K = C = /C when clock is stopped. This is not essential but permits most
rapid restart by overcoming transmission line charging symmetrically.


Similar Part No. - UPD44324084F5-E50-EQ2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD44324084F5-E50-EQ2-A RENESAS-UPD44324084F5-E50-EQ2-A Datasheet
583Kb / 42P
   MOS INTEGRATED CIRCUIT
2009
More results

Similar Description - UPD44324084F5-E50-EQ2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD44324082 NEC-UPD44324082 Datasheet
396Kb / 40P
   36M-BIT DDRII SRAM 2-WORD BURST OPERATION
UPD44324085 NEC-UPD44324085 Datasheet
360Kb / 32P
   36M-BIT DDRII SRAM SEPARATE I/O 2-WORD BURST OPERATION
UPD44164084 NEC-UPD44164084 Datasheet
394Kb / 32P
   18M-BIT DDRII SRAM 4-WORD BURST OPERATION
UPD44325084 NEC-UPD44325084 Datasheet
377Kb / 36P
   36M-BIT QDRII SRAM 4-WORD BURST OPERATION
logo
Renesas Technology Corp
UPD46365084B RENESAS-UPD46365084B Datasheet
598Kb / 39P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
Nov 09 2012
PD46365084B RENESAS-PD46365084B_15 Datasheet
598Kb / 39P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
UPD44325084B RENESAS-UPD44325084B Datasheet
446Kb / 40P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
September 12, 2011
PD44325084B RENESAS-PD44325084B_15 Datasheet
458Kb / 40P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
R1Q5A3636B RENESAS-R1Q5A3636B Datasheet
334Kb / 25P
   36-Mbit DDRII SRAM 4-word Burst
PD46365084B RENESAS-PD46365084B Datasheet
598Kb / 39P
   36M-BIT QDRTM II SRAM 4-WORD BURST OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com