Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-CCD1201MM Datasheet(PDF) 5 Page - C&D Technologies

Part # ADS-CCD1201MM
Description  12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADS-CCD1201MM Datasheet(HTML) 5 Page - C&D Technologies

  ADS-CCD1201MM Datasheet HTML 1Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 2Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 3Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 4Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 5Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 6Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 7Page - C&D Technologies ADS-CCD1201MM Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADS-CCD1201
®
®
TIMING
The ADSCCD-1201 is an edge triggered device. A conversion
is initiated by the rising edge of the start convert pulse and no
additional external timing signals are required. The device does
not employ "pipeline" delays to increase its throughput rate. It
does not require multiple start convert pulses to bring valid
digital data to its output pins.
Figure 5.
ADS-CCD1201 Evaluation Board Schematic
32
30
28
26
24
22
20
33
6
8
10
12
14
16
18
31
27
29
23
25
19
21
3
5
7
9
11
13
15
P2
17
1
2
4
34
5%
200K
R3
0.1%
1.98K
R4
+
U6
2
3
4
6
7
OP-77
1Y1
1Y2
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
1G
2G
2A4
2A3
2A2
2A1
1A4
1A3
1A2
1A1
U3
2
4
6
8
11
13
15
17
19
10
20
18
16
14
12
9
7
5
3
1
74LS240
.1%
2K
R5
0.1%
10K
R8
P3
P4
74LS86
U4
9
10
8
74LS86
U4
12
13
11
0.1MF
C7
0.1MF
C5
0.1MF
C3
0.1MF
C17
0.1MF
C16
0.1MF
C1
0.1MF
C15
15pF
C2
0.1MF
C10
0.1MF
C12
0.1MF
C13
2.2MF
C6
2.2MF
C4
2.2MF
C9
2.2MF
C8
2.2MF
C11
2.2MF
C14
+5V
+5V
+5V
+5V
+15V
+15V
+15V
+15V
-15V
-15V
-15V
-15V
+5V
P1
1
2
5
6
4
3
8
7
10
9
12 11
14 13
16 15
18 17
20 19
22 21
24 23
26
25
20K
R2
50
R1
74LS86
U4
4
5
6
74LS86
U4
1
2
3
7
14
B1
B2
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
EOC
+5V
DGND
ST. CONV
AGND
INPUT
+10VREF
+15V
AGND
-15V
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
SG1
+
U5
2
3
4
6
7
AD845
0.1%
10K
R7
0.1%
2K
R6
-15V
2.2
MF
C22
0.1MF
C23
+15V
2.2MF
C19
0.1MF
C20
Y1
1
7
8
14
XTAL
J3
J5
J4
J2
0.1MF
C21
J1
+5V
0.1MF
C18
SG2
SG3
2.2MF
C24
+
1Y1
1Y2
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
1G
2G
2A4
2A3
2A2
2A1
1A4
1A3
1A2
1A1
U2
2
4
6
8
11
13
15
17
19
10
20
18
16
14
12
9
7
5
3
1
74LS240
B13
B11
B12
B10
B9
B6
B5
B4
B3
B14
B1
B2
B8
B7
SEE NOTE 1
ST.CONV.
ENABLE
MSB
LSB
EOC
COG
ADJ
GAIN
ADJ
OFFSET
CONVERT
START
INPUT
ANALOG
1. FOR ADS-BCCD1201 Y1 IS 1.2MHZ
FOR ADS-BCCD1201 Y1 IS 2MHZ
NOTES:
ADS-CCD1201/1202
Figure 4. ADS-CCD1201 Timing Diagram
5.
START
CONVERT
OUTPUT
DATA
INTERNAL S/H
N
DATA (N-1) VALID
100ns
typ.
Acquisition Time
10ns typ.
DATA N VALID
760ns min.
Note: Scale is approximately 25ns per division.
EOC
90ns typ.
INVALID
DATA
73ns max.
60ns min.,70ns typ., 80ns max.
400ns typ.
433ns typ.
35ns max.
10ns typ.
N+1
100ns
typ.
420ns
Hold
Conversion Time


Similar Part No. - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-CCD1201MM MURATA-PS-ADS-CCD1201MM Datasheet
138Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
DATEL, Inc.
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM DATEL-ADS-CCD1201MM Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Similar Description - ADS-CCD1201MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-CCD1201 MURATA-PS-ADS-CCD1201 Datasheet
138Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
DATEL, Inc.
ADS-CCD1201 DATEL-ADS-CCD1201 Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
Murata Power Solutions ...
ADS-CCD1202 MURATA-PS-ADS-CCD1202 Datasheet
309Kb / 8P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202 DATEL-ADS-CCD1202 Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
Sipex Corporation
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com