Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD46128512F9-CR2 Datasheet(PDF) 6 Page - NEC

Part # UPD46128512F9-CR2
Description  128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD46128512F9-CR2 Datasheet(HTML) 6 Page - NEC

Back Button UPD46128512F9-CR2 Datasheet HTML 2Page - NEC UPD46128512F9-CR2 Datasheet HTML 3Page - NEC UPD46128512F9-CR2 Datasheet HTML 4Page - NEC UPD46128512F9-CR2 Datasheet HTML 5Page - NEC UPD46128512F9-CR2 Datasheet HTML 6Page - NEC UPD46128512F9-CR2 Datasheet HTML 7Page - NEC UPD46128512F9-CR2 Datasheet HTML 8Page - NEC UPD46128512F9-CR2 Datasheet HTML 9Page - NEC UPD46128512F9-CR2 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
Preliminary Data Sheet M17507EJ2V0DS
6
μ PD46128512-X
Burst Operation
Mode
/CE1
CE2
CLK
/ADV
/OE
/WE
/LB
/UB
DQ
/WAIT
DQ0 to DQ7
DQ8 to DQ15
Note8
Not selected (Standby Mode 1)
H
H
×
×
×
×
×
×
High-Z
High-Z
High-Z
Not selected (Standby Mode 2)
Note1
×
L
×
×
×
×
×
×
High-Z
High-Z
High-Z
Start address latch
L
H
Note4
L
×
Note7
×
Note7
×
Note9
×
Note9
High-Z
Note5
High-Z
Note5
×
Advanced burst read to next address
H
L
H
DOUT
DOUT
Output
Note4
Valid
Burst read suspend
Note2
H
High-Z
High-Z
HIGH
Burst read resume
Note2
L
DOUT
DOUT
HIGH
Burst read termination
Note3
×
×
High-Z
High-Z
High-Z
Advanced burst write to next address
L
H
L
DIN
DIN
Output
Note4
Valid
Burst write suspend
Note2
H
High-Z
High-Z
HIGH
Burst write resume
Note2
L
DIN
DIN
HIGH
Burst write termination
Note3
×
×
High-Z
High-Z
High-Z
Abort write
Note6
L
×
×
Note10
HIGH
HIGH
High-Z
High-Z
HIGH
Notes 1.
CE2 pin must be fixed HIGH except Standby Mode 2 (refer to 2.3 Standby Mode Status Transition).
2.
Be sure to suspend or resume a burst read after outputting the first read access data.
Be sure to suspend or resume a burst write after latching the first write data.
Burst write suspend or resume is available when setting WC = 1 (/WE level control) through Mode Register
Set.
3.
/CE1 must be fixed HIGH during tTRB specification until next read or write operation.
4.
Valid clock edge shall be set either positive or negative edge through Mode Register Set.
5.
If /OE = LOW and /LB = /UB = LOW, output is valid. If /OE = LOW and /LB = /UB = HIGH, output is high
impedance.
If /WE = LOW, output is high impedance. If /OE = /WE = HIGH, output is high impedance.
6.
If /WE = LOW and /LB = /UB = HIGH, memory does not accept write data, so write operation is not
available.
7.
Both of two pins (/OE and /WE) or either of two should be connected to HIGH. It is prohibited to bring the
both /OE and /WE to LOW.
8.
Refer to the 4.10 /WAIT.
9.
For the Burst Read, the /UB, /LB setup time to CLK (tBC) must be satisfied. For the Burst Write, the /UB,
/LB setup time to CLK (tBC) must be satisfied. Once /LB and /UB inputs are determined, they must not be
changed until the end of burst operation.
10. In case of WC = 0, /WE is HIGH.
In case of WC = 1, /WE is LOW.
The explanation of WC refers to Table 5-2. Mode Register Definition (5th Bus Cycle) and 5.9 /WE
control.
Remark H, HIGH : VIH, L, LOW : VIL,
×: VIH or VIL,
: valid edge


Similar Part No. - UPD46128512F9-CR2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD46128953-E12X NEC-UPD46128953-E12X Datasheet
468Kb / 60P
   128M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 32-BIT ADDRESS / DATA MULTIPLEXED EXTENDED TEMPERATURE OPERATION
UPD46128953-E15X NEC-UPD46128953-E15X Datasheet
468Kb / 60P
   128M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 32-BIT ADDRESS / DATA MULTIPLEXED EXTENDED TEMPERATURE OPERATION
UPD46128953-X NEC-UPD46128953-X Datasheet
468Kb / 60P
   128M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 32-BIT ADDRESS / DATA MULTIPLEXED EXTENDED TEMPERATURE OPERATION
UPD46128953F1-EB1 NEC-UPD46128953F1-EB1 Datasheet
468Kb / 60P
   128M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 32-BIT ADDRESS / DATA MULTIPLEXED EXTENDED TEMPERATURE OPERATION
More results

Similar Description - UPD46128512F9-CR2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD46128953-X NEC-UPD46128953-X Datasheet
468Kb / 60P
   128M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 32-BIT ADDRESS / DATA MULTIPLEXED EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112 NEC-UPD4616112 Datasheet
220Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com