Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4482182GF-C60Y Datasheet(PDF) 8 Page - NEC

Part # UPD4482182GF-C60Y
Description  8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4482182GF-C60Y Datasheet(HTML) 8 Page - NEC

Back Button UPD4482182GF-C60Y Datasheet HTML 4Page - NEC UPD4482182GF-C60Y Datasheet HTML 5Page - NEC UPD4482182GF-C60Y Datasheet HTML 6Page - NEC UPD4482182GF-C60Y Datasheet HTML 7Page - NEC UPD4482182GF-C60Y Datasheet HTML 8Page - NEC UPD4482182GF-C60Y Datasheet HTML 9Page - NEC UPD4482182GF-C60Y Datasheet HTML 10Page - NEC UPD4482182GF-C60Y Datasheet HTML 11Page - NEC UPD4482182GF-C60Y Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
Data Sheet M14522EJ3V0DS
µPD4482162, 4482182, 4482322, 4482362
[
µµµµPD4482322, µµµµPD4482362]
Address
Registers
Binary
Counter
and Logic
CLR
Q0
Q1
Byte 1
Write Register
Byte 1
Write Driver
8/9
Byte 2
Write Register
Byte 2
Write Driver
8/9
Byte 3
Write Register
Byte 3
Write Driver
8/9
Byte 4
Write Register
Byte 4
Write Driver
8/9
Enable
Register
Row and Column
Memory cell array
1,024 rows
256
× 32 columns
(8,388,608 bits)
256
× 36 columns
(9,437,184 bits)
Output
Registers
Output
Buffers
Input
Registers
32/36
16
18
A0, A1
A1’
A0’
32/36
4
32/36
A0 to A17
MODE
/ADV
CLK
/AC
/AP
/BW1
/BW2
/BW3
/BW4
/BWE
/GW
/CE
CE2
/CE2
/G
I/O1 to I/O32
I/OP1 to I/OP4
Enable delay
Register
ZZ
Power Down Control
Decoders
18
[
µµµµPD4482322, µµµµPD4482362]
Interleaved Burst Sequence Table (MODE = VDD)
External Address
A17 to A2, A1, A0
1st Burst Address
A17 to A2, A1, /A0
2nd Burst Address
A17 to A2, /A1, A0
3rd Burst Address
A17 to A2, /A1, /A0
Linear Burst Sequence Table (MODE = VSS)
External Address
A17 to A2, 0, 0
A17 to A2, 0, 1
A17 to A2, 1, 0
A17 to A2, 1, 1
1st Burst Address
A17 to A2, 0, 1
A17 to A2, 1, 0
A17 to A2, 1, 1
A17 to A2, 0, 0
2nd Burst Address
A17 to A2, 1, 0
A17 to A2, 1, 1
A17 to A2, 0, 0
A17 to A2, 0, 1
3rd Burst Address
A17 to A2, 1, 1
A17 to A2, 0, 0
A17 to A2, 0, 1
A17 to A2, 1, 0


Similar Part No. - UPD4482182GF-C60Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482181 NEC-UPD4482181 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A65 NEC-UPD4482181GF-A65 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A75 NEC-UPD4482181GF-A75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-A85 NEC-UPD4482181GF-A85 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4482181GF-C75 NEC-UPD4482181GF-C75 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
More results

Similar Description - UPD4482182GF-C60Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4482163 NEC-UPD4482163 Datasheet
300Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482161 NEC-UPD4482161 Datasheet
370Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
UPD4481162 NEC-UPD4481162 Datasheet
404Kb / 28P
   8M-BIT ZEROSB SRAM PIPELINED OPERATION
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS12836EC-250TQ ISSI-IS61LPS12836EC-250TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
logo
Integrated Device Techn...
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com