Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF512K32N-120G4TC5A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WF512K32N-120G4TC5A
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF512K32N-120G4TC5A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WF512K32N-120G4TC5A Datasheet HTML 1Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 2Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 3Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 4Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 5Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 6Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 7Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 8Page - List of Unclassifed Manufacturers WF512K32N-120G4TC5A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND or VCC
10
µA
Output Leakage Current
ILOx32
VCC = 5.5, VIN = GND or VCC
10
µA
VCC Active Current for Read (1)
ICC1
CS = VIL, OE = VIH, f = 5MHz
190
mA
VCC Active Current for Program or Erase (2)
ICC2
CS = VIL, OE = VIH
240
mA
VCC Standby Current
ICC4
VCC = 5.5, CS = VIH, f = 5MHz
6.5
mA
VCC Static Current
ICC3
VCC = 5.5, CS = VIH
0.6
mA
Output Low Voltage
VOL
IOL = 8.0 mA, VCC = 4.5
0.45
V
Output High Voltage
VOH1
IOH = 2.5 mA, VCC = 4.5
0.85 X VCC
V
Low VCC Lock-Out Voltage
VLKO
3.2
4.2
V
WF512K32-XXX5
ABSOLUTE MAXIMUM RATINGS (1)
NOTES:
1. Stresses above the absolute maximum rating may cause permanent damage
to the device. Extended operation at the maximum levels may degrade
performance and affect reliability.
2. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions,
inputs may overshoot VSS to -2.0 V for periods of up to 20ns. Maximum DC
voltage on output and I/O pins is VCC + 0.5V. During voltage transitions,
outputs may overshoot to Vcc + 2.0 V for periods of up to 20ns.
3. Minimum DC input voltage on A9 pin is -0.5V. During voltage transitions, A9
may overshoot Vss to -2V for periods of up to 20ns. Maximum DC input
voltage on A9 is +13.5V which may overshoot to 14.0 V for periods
up to 20ns.
DC CHARACTERISTICS - CMOS COMPATIBLE
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Unit
Operating Temperature
-55 to +125
°C
Supply Voltage Range (VCC)
-2.0 to +7.0
V
Signal voltage range (any pin except A9) (2)
-2.0 to +7.0
V
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10 seconds)
+300
°C
Data Retention (Mil Temp)
20 years
Endurance - write/erase cycles (Mil Temp)
100,000 cycles min.
A9 Voltage for sector protect (VID) (3)
-2.0 to +14.0
V
DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 5 MHz). The frequency component typically
is less than 2 mA/MHz, with OE at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
A9 Voltage for Sector Protect
VID
11.5
12.5
V
LOW CAPACITANCE CQFP
(TA = +25
°C)
Parameter
Symbol
Conditions
Max
Unit
OE capacitance
COE
VIN = 0 V, f = 1.0 MHz
32
pF
CQFP G4 capacitance
CWE
VIN = 0 V, f = 1.0 MHz
32
pF
CS1-4 capacitance
CCS
VIN = 0 V, f = 1.0 MHz
15
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
15
pF
Address input
capacitance
CAD
VIN = 0 V, f = 1.0 MHz
32
pF
This parameter is guaranteed by design but not tested.
CAPACITANCE
(TA = +25
°C)
Parameter
Symbol
Conditions
Max
Unit
OE capacitance
COE
VIN = 0 V, f = 1.0 MHz
50
pF
WE1-4 capacitance
CWE
VIN = 0 V, f = 1.0 MHz
pF
HIP (PGA)
20
CQFP G4T
50
CQFP G2U/G1U
15
CS1-4 capacitance
CCS
VIN = 0 V, f = 1.0 MHz
20
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0 V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.


Similar Part No. - WF512K32N-120G4TC5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32N-120G4TC5A WEDC-WF512K32N-120G4TC5A Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32N-120G4TC5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
   512Kx32 FLASH
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com