Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103N25S20MC Datasheet(PDF) 2 Page - International Rectifier

Part # SD103N25S20MC
Description  DISCRETE POWER DIODES and THYRISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD103N25S20MC Datasheet(HTML) 2 Page - International Rectifier

  SD103N25S20MC Datasheet HTML 1Page - International Rectifier SD103N25S20MC Datasheet HTML 2Page - International Rectifier SD103N25S20MC Datasheet HTML 3Page - International Rectifier SD103N25S20MC Datasheet HTML 4Page - International Rectifier SD103N25S20MC Datasheet HTML 5Page - International Rectifier SD103N25S20MC Datasheet HTML 6Page - International Rectifier SD103N25S20MC Datasheet HTML 7Page - International Rectifier SD103N25S20MC Datasheet HTML 8Page - International Rectifier SD103N25S20MC Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
110A
FAST RECOVERY DIODES
Stud Version
SD103N/R SERIES
Bulletin I2062/A
Features
High power FAST recovery diode series
1.0 to 2.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version JEDEC DO-30
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
110
A
@ T
C
85
°C
I
F(RMS)
173
A
I
FSM
@ 50Hz
3570
A
@ 60Hz
3730
A
I
2t
@ 50Hz
64
KA
2s
@ 60Hz
58
KA
2s
V
RRM
range
400 to 2500
V
t
rr
range
1.0 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD103N/R
Units
Major Ratings and Characteristics
case style
DO-205AC (DO-30)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD103N25S20MC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
logo
SHIELD s.r.l.
SD103N700130 SHIELD-SD103N700130 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
SD103N700230 SHIELD-SD103N700230 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
SD103N706130 SHIELD-SD103N706130 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
SD103N706430 SHIELD-SD103N706430 Datasheet
380Kb / 4P
   SD10 distribution box, top mounting M12-A, built-in control cable
More results

Similar Description - SD103N25S20MC

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STO875 SIRECTIFIER-STO875 Datasheet
304Kb / 3P
   Discrete Thyristors (Isolated)
logo
SEMPO ELECTRONIC Limite...
STYN255 SEMPO-STYN255 Datasheet
140Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN230 ETC2-STYN230 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN255 SIRECTIFIER-STYN255 Datasheet
122Kb / 2P
   Discrete Thyristors(SCRs)
logo
List of Unclassifed Man...
STYN210 ETC1-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
logo
Sirectifier Semiconduct...
STYN225 SIRECTIFIER-STYN225 Datasheet
183Kb / 2P
   Discrete Thyristors(SCRs)
STYN1055 SIRECTIFIER-STYN1055 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
STYN216 SIRECTIFIER-STYN216 Datasheet
180Kb / 2P
   Discrete Thyristors(SCRs)
STYN210 SIRECTIFIER-STYN210 Datasheet
193Kb / 2P
   Discrete Thyristors(SCRs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com