Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1010-1099A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SD1010-1099A
Description  Analog-Interface XGA TFT LCD Display Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD1010-1099A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SD1010-1099A Datasheet HTML 3Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 4Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 5Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 6Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 7Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 8Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 9Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 10Page - List of Unclassifed Manufacturers SD1010-1099A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
SmartASIC, Inc.
SD1010A
November, 1999
SmartASIC Confidential
7
Revision B
VDD
41
Power Supply
R_OUT4_O
42
O
Output Color Red Odd Pixel (right pixel)
R_OUT5_O
43
O
Output Color Red Odd Pixel (right pixel)
R_OUT6_O
44
O
Output Color Red Odd Pixel (right pixel)
R_OUT7_O
45
O
Output Color Red Odd Pixel (right pixel)
GND
46
Ground
G_OUT0_E
47
O
Output Color Green Even Pixel (left pixel)
G_OUT1_E
48
O
Output Color Green Even Pixel (left pixel)
G_OUT2_E
49
O
Output Color Green Even Pixel (left pixel)
G_OUT3_E
50
O
Output Color Green Even Pixel (left pixel)
G_OUT4_E
51
O
Output Color Green Even Pixel (left pixel)
VDD
52
Power Supply
G_OUT5_E
53
O
Output Color Green Even Pixel (left pixel)
G_OUT6_E
54
O
Output Color Green Even Pixel (left pixel)
G_OUT7_E
55
O
Output Color Green Even Pixel (left pixel)
GND
56
Ground
GND
57
Ground
G_OUT0_O
58
O
Output Color Green Odd Pixel (right pixel)
G_OUT1_O
59
O
Output Color Green Odd Pixel (right pixel)
G_OUT2_O
60
O
Output Color Green Odd Pixel (right pixel)
G_OUT3_O
61
O
Output Color Green Odd Pixel (right pixel)
VDD
62
Power Supply
G_OUT4_O
63
O
Output Color Green Odd Pixel (right pixel)
G_OUT5_O
64
O
Output Color Green Odd Pixel (right pixel)
G_OUT6_O
65
O
Output Color Green Odd Pixel (right pixel)
G_OUT7_O
66
O
Output Color Green Odd Pixel (right pixel)
GND
67
Ground
GND
68
Ground
B_OUT0_E
69
O
Output Color Blue Even Pixel (left pixel)
B_OUT1_E
70
O
Output Color Blue Even Pixel (left pixel)
B_OUT2_E
71
O
Output Color Blue Even Pixel (left pixel)
B_OUT3_E
72
O
Output Color Blue Even Pixel (left pixel)
B_OUT4_E
73
O
Output Color Blue Even Pixel (left pixel)
B_OUT5_E
74
O
Output Color Blue Even Pixel (left pixel)
B_OUT6_E
75
O
Output Color Blue Even Pixel (left pixel)
VDD
76
Power Supply
VDD
77
Power Supply
B_OUT7_E
78
O
Output Color Blue Even Pixel (left pixel)
GND
79
Ground
B_OUT0_O
80
O
Output Color Blue Odd Pixel (right pixel)
B_OUT1_O
81
O
Output Color Blue Odd Pixel (right pixel)
B_OUT2_O
82
O
Output Color Blue Odd Pixel (right pixel)
B_OUT3_O
83
O
Output Color Blue Odd Pixel (right pixel)
VDD
84
Power Supply
B_OUT4_O
85
O
Output Color Blue Odd Pixel (right pixel)
B_OUT5_O
86
O
Output Color Blue Odd Pixel (right pixel)
B_OUT6_O
87
O
Output Color Blue Odd Pixel (right pixel)
B_OUT7_O
88
O
Output Color Blue Odd Pixel (right pixel)
GND
89
Ground
R_IN00
90
I
Channel A Data Input Color Red (LSB)
R_IN01
91
I
Channel A Data Input Color Red
R_IN02
92
I
Channel A Data Input Color Red


Similar Part No. - SD1010-1099A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
   Dual-Interface XGA TFT LCD Display Controller
logo
Sirectifier Semiconduct...
SD1010 SIRECTIFIER-SD1010 Datasheet
225Kb / 2P
   Discrete Diodes
logo
Dc Components
SD10100 DCCOM-SD10100 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Pan Jit International I...
SD10100CS PANJIT-SD10100CS Datasheet
34Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD10100CS PANJIT-SD10100CS Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD1010-1099A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
   Analog-Interface XGA/SXGA TFT LCD Display Controller
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
   Dual-Interface XGA TFT LCD Display Controller
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
   Dual-Interface SXGA TFT LCD Display Controller
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
   Digital-Interface XGA LCD Controller
GM2116 ETC-GM2116 Datasheet
182Kb / 2P
   ANALOG-INTERFACE ONPANEL XGA LCD CONTROLLER WITH RSDS TRANSMITTER
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
   XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
GMZAN3 ETC1-GMZAN3 Datasheet
556Kb / 53P
   XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com