Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FM29FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TMP86FM29FG
Description  CMOS 8-Bit Microcontroller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FM29FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TMP86FM29FG Datasheet HTML 1Page - Toshiba Semiconductor TMP86FM29FG Datasheet HTML 2Page - Toshiba Semiconductor TMP86FM29FG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FM29FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FM29FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FM29FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FM29FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FM29FG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TMP86FM29
2004-03-01
86FM29-2
♦ Watchdog Timer
Interrupt source/reset output (programmable)
♦ Serial interface
8-bit UART/SIO: 1ch
♦ 10-bit successive approximation type AD converter
• Analog input: 8 ch
♦ Four Key-On Wake-Up pins
♦ LCD driver/controller
• Built-in voltage booster for LCD driver
• With displaymemory
• LCD direct drive capability (max 32 seg × 4 com)
• 1/4, 1/3, 1/2duties or static drive are programmably selectable
♦ Dual clock operation
• Single/Dual-clock mode
♦ Nine power saving operating modes
• STOP mode
: Oscillation stops. Battery/Capacitor back-up.
Port output hold/High-impedance.
• SLOW 1, 2 mode : Low power consumption operation using low-frequency clock (32.768 kHz)
• IDLE 0 mode
: CPU stops, and peripherals operate using high-frequency clock of
Time-Base-Timer. Release by falling edge of TBTCR
<TBTCK> setting.
• IDLE 1 mode
: CPU stops, and peripherals operate using high-frequency clock.
Release by interruputs.
• IDLE 2 mode
: CPU stops, and peripherals operate using high and low frequency clock.
Release by interruputs.
• SLEEP 0 mode : CPU stops, and peripherals operate using low-frequency clock of
Time-Base-Timer. Release by falling edge of TBTCR
<TBTCK> setting.
• SLEEP 1 mode : CPU stops, and peripherals operate using low-frequency clock.
Release by interrupts.
• SLEEP 2 mode : CPU stops, and peripherals operate using high and low frequency clock.
Release by interrupts.
♦ Wide operating voltage:
1.8 to 3.6 V at 8 MHz/32.768 kHz
2.7 to 3.6 V at 16 MHz/32.768 kHz


Similar Part No. - TMP86FM29FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86FM29FG TOSHIBA-TMP86FM29FG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

Similar Description - TMP86FM29FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com