Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80EPS12 Datasheet(PDF) 5 Page - International Rectifier

Part # 80EPS12
Description  INPUT RECTIFIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80EPS12 Datasheet(HTML) 5 Page - International Rectifier

  80EPS12 Datasheet HTML 1Page - International Rectifier 80EPS12 Datasheet HTML 2Page - International Rectifier 80EPS12 Datasheet HTML 3Page - International Rectifier 80EPS12 Datasheet HTML 4Page - International Rectifier 80EPS12 Datasheet HTML 5Page - International Rectifier 80EPS12 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
80EPS.. SAFE
IR Series
I2123 rev. B 11/99
Ordering Information Table
80
E
P
S
16
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
P = TO-247AC
4
-
Type of Silicon:
S = Standard Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
08 = 800V
12 = 1200V
16 = 1600V
Outline Table
Dimensionsinmillimetersandinches
15 . 9 0 (0 . 626)
15 . 3 0 (0 . 602)
14 .20 (0 . 559 )
14. 80 ( 0 . 583)
3. 70 (0 . 14 5 )
4. 30 (0 . 17 0 )
5 . 30 ( 0 . 2 08 )
5. 70 (0 . 225)
5. 50 ( 0 . 2 17 )
4. 50 (0 . 177)
( 2 P L C S.)
3. 55 (0 . 13 9 )
3. 65 (0 . 14 4 )
2. 20 (0. 0 8 7 )
M AX.
1. 00 (0 .0 3 9 )
1. 40 (0 .0 5 6 )
0. 40 (0 . 2 1 3 )
0. 80 ( 0 . 032)
4. 70 ( 0 .185)
5. 30 (0 .2 0 9 )
1. 5 ( 0 . 059)
2. 5 ( 0 . 098)
2. 40 (0 . 095)
MA X .
10 . 86 (0. 427 )
10 . 94 ( 0. 430)
20 .30 (0 . 800 )
19 .70 (0 . 775 )
DIA.
12
3
CA T HO D E
BA SE
CA T H O D E
AN O D E
2
13
Base Cathode
Anode
Anode


Similar Part No. - 80EPS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EPS12 IRF-80EPS12 Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
logo
Vishay Siliconix
80EPS12 VISHAY-80EPS12 Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
logo
International Rectifier
80EPS12PBF IRF-80EPS12PBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
logo
Vishay Siliconix
80EPS12PBF VISHAY-80EPS12PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
More results

Similar Description - 80EPS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com