Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX2-H-12V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # TX2-H-12V
Description  2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TX2-H-12V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  TX2-H-12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TX2-H-12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TX2-H-12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TX2-H-12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TX2-H-12V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TX2-H-12V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TX2-H-12V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TX RELAYS
2 A CAPACITY RELAY
WITH HIGH SURGE
VOLTAGE & HIGH
BREAKDOWN VOLTAGE
TESTING
mm inch
8.2
.323
7.4
.291
15
.591
8.4
.331
7.4
.291
15
.591
FEATURES
• Breakdown voltage between contacts and coil: 2,000 V
• Surge withstand between contacts and coil: 2,500 V
• High contact capacity: 2 A 30 V DC
• Surface-mount type available
SPECIFICATIONS
Contact
Notes:
❇1This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the ac-
tual load. (SX relays are available for low level load switching [10 µA 1 mV DC –
10 mA 10 V DC])
❇2The upper limit for the ambient temperature is the maximum temperature that
can satisfy the coil temperature rise. Under the packing condition, allowable tem-
perature range is from –40 to +70°C –40°C to +158°F.
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 By resistive method, nominal voltage applied to the coil; contact carrying current:
2 A.
*3 Nominal voltage applied to the coil, excluding contact bounce time.
*4 Nominal voltage applied to the coil, excluding contact bounce time without diode.
*5 Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.
*6 Half-wave pulse of sine wave: 6 ms.
*7 Detection time: 10
µs.
*8 Refer to 6. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT.
Characteristics
Arrangement
2 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Gold-clad silver alloy
Rating
Nominal switching capacity
(resistive load)
2 A 30 V DC
Max. switching power
(resistive load)
60 W
Max. switching voltage
220 V DC
Max. switching current
2 A
Min. switching capacity
❇1
10
µA 10 mV DC
Nominal
operating
power
Single side stable
140 mW (1.5 to 24 V DC)
270 mW (48 V DC)
1 coil latching
100 mW (1.5 to 24 V DC)
2 coil latching
200 mW (1.5 to 24 V DC)
Expected
life (min.
operations)
Mechanical (at 180 cpm)
108
Electrical
(at 20 cpm)
2 A 30 V DC
resistive
105
1 A 30 V DC
resistive
5
×105
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial
breakdown
voltage
Between open con-
tacts
1,000 Vrms for 1 min.
(Detection current: 10 mA)
Between contact sets
1,000 Vrms for 1 min.
(Detection current: 10 mA)
Between contact and
coil
2,000 Vrms for 1 min.
(Detection current: 10 mA)
Initial surge
voltage
Between open
contacts
(10
×160 µs)
1,500 V (FCC Part 68)
Between contacts
and coil (2
×10 µs)
2,500 V (Telcordia)
Temperature rise*2 (at 20
°C)
Max. 50
°C
Operate time [Set time]*3 (at 20
°C)
Max. 4 ms (Approx. 2 ms)
[Max. 4 ms (Approx. 2 ms)]
Release time [Reset time]*4 (at
20
°C)
Max. 4 ms (Approx. 1 ms)
[Max. 4 ms (Approx. 2 ms)]
Shock resistance
Functional*5
Min. 750 m/s2 {75 G}
Destructive*6
Min. 1,000 m/s2 {100 G}
Vibration resistance
Functional*7
196 m/s2 {20 G}, 10 to 55 Hz
at double amplitude of 3.3 mm
Destructive
294 m/s2 {30G}, 10 to 55 Hz
at double amplitude of 5 mm
Conditions for oper-
ation, transport and
storage*8
(Not freezing and
condensing at low
temperature)
Ambient tem-
perature
❇2
–40
°C to +85°C (up to 24 V coil)
–40
°F to +185°F (up to 24 V coil)
–40
°C to +70°C (48 V coil)
–40
°F to +158°F (48 V coil)
Humidity
5 to 85% R.H.
Unit weight
Approx. 2 g .071 oz
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - TX2-H-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2-1.5V PANASONIC-TX2-1.5V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
List of Unclassifed Man...
TX2-10 ETC1-TX2-10 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10F ETC1-TX2-10F Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10FZ ETC1-TX2-10FZ Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
TX2-10X ETC1-TX2-10X Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
More results

Similar Description - TX2-H-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX-D PANASONICBATTERY-TX-D Datasheet
124Kb / 7P
   High Breakdown Voltage Relay
logo
Panasonic Semiconductor
TXD2-3V PANASONIC-TXD2-3V Datasheet
124Kb / 7P
   High Breakdown Voltage Relay Communications (xDSL)
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
logo
Omron Electronics LLC
G7L-V1 OMRON-G7L-V1 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L OMRON-G7L_V01 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
logo
ON Semiconductor
2SA1419 ONSEMI-2SA1419 Datasheet
354Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
August, 2013
2SA1416 ONSEMI-2SA1416 Datasheet
358Kb / 7P
   Bipolar Transistor High breakdown voltage and large current capacity
September, 2013
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
   High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
   High breakdown voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com