Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4015BN Datasheet(PDF) 4 Page - Integral Corp.

Part # IW4015BN
Description  Dual 4-Stage Static Shift Register High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IW4015BN Datasheet(HTML) 4 Page - Integral Corp.

  IW4015BN Datasheet HTML 1Page - Integral Corp. IW4015BN Datasheet HTML 2Page - Integral Corp. IW4015BN Datasheet HTML 3Page - Integral Corp. IW4015BN Datasheet HTML 4Page - Integral Corp. IW4015BN Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IW4015B
27
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
tmax
Maximum Clock Frequency (Figure 1)
5.0
10
15
3
6
8.5
3
6
8.5
1.5
3
4.25
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock to Q
(Figure 1)
5.0
10
15
320
160
120
320
160
120
640
320
240
ns
tPHL
Maximum Propagation Delay, Reset to Q
(Figure 2)
5.0
10
15
400
200
160
400
200
160
800
400
320
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
180
80
50
180
80
50
360
160
100
ns
tw
Minimum Pulse Width, Reset (Figure 2)
5.0
10
15
200
80
60
200
80
60
400
160
120
ns
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
5.0
10
15
70
40
30
70
40
30
140
80
60
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
5.0
10
15
0
0
0
0
0
0
0
0
0
ns
tr, tf
Maximum Input Rise and Fall Time (Figure 1)
5.0
10
15
15
6
2
15
6
2
30
12
4
µs


Similar Part No. - IW4015BN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
   Operating Voltage Range
More results

Similar Description - IW4015BN

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com