Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT88L70AN Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT88L70AN
Description  3 Volt Integrated DTMF Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88L70AN Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT88L70AN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 9Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 10Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 11Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 12Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 13Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 14Page - Zarlink Semiconductor Inc MT88L70AN Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MT88L70
Data Sheet
11
Zarlink Semiconductor Inc.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
*NOTES:
1. Used for guard-time calculation purposes only and tested at -4 dBm.
2. These, user adjustable parameters, are not device specifications. The adjustable settings of these minimums and maximums are
recommendations based upon network requirements.
3. With valid tone present at input, tPU equals time from PDWN going low until ESt going high.
AC Electrical Characteristics - VDD = 3.0 V+20%/-10%, VSS =0V, -40°C ≤ To ≤ +85°C, using Test Circuit shown in Figure 6.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Conditions
1
T
I
M
I
N
G
Tone present detect time
tDP
511
14
ms
Note 1
2
Tone absent detect time
tDA
0.548.5
ms
Note 1
3
Tone duration accept
tREC
40
ms
Note 2
4
Tone duration reject
tREC
20
ms
Note 2
5
Interdigit pause accept
tID
40
ms
Note 2
6
Interdigit pause reject
tDO
20
ms
Note 2
7
O
U
T
P
U
T
S
Propagation delay (St to Q)
tPQ
11
µsTOE=VDD
8
Propagation delay (St to StD)
tPStD
20
µs
TOE=VDD
9
Output data set up (Q to StD)
tQStD
5.0
µs
TOE=VDD
10
Propagation delay (TOE to Q ENABLE)
tPTE
50
ns
load of 10 k
Ω,
50 pF
11
Propagation delay (TOE to Q DISABLE)
tPTD
130
ns
load of 10 k
Ω,
50 pF
12
P
D
W
N
Power-up time
tPU
30
ms
Note 3
13
Power-down time
tPD
20
ms
14
C
L
O
C
K
Crystal/clock frequency
fC
3.5759 3.5795 3.5831
MHz
15
Clock input rise time
tLHCL
110
ns
Ext. clock
16
Clock input fall time
tHLCL
110
ns
Ext. clock
17
Clock input duty cycle
DCCL
40
50
60
%
Ext. clock
18
Capacitive load (OSC2)
CLO
15
pF


Similar Part No. - MT88L70AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70AN MITEL-MT88L70AN Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
More results

Similar Description - MT88L70AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com