Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHD2102PT1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTHD2102PT1
Description  Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD2102PT1 Datasheet(HTML) 5 Page - ON Semiconductor

  NTHD2102PT1 Datasheet HTML 1Page - ON Semiconductor NTHD2102PT1 Datasheet HTML 2Page - ON Semiconductor NTHD2102PT1 Datasheet HTML 3Page - ON Semiconductor NTHD2102PT1 Datasheet HTML 4Page - ON Semiconductor NTHD2102PT1 Datasheet HTML 5Page - ON Semiconductor NTHD2102PT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTHD2102P
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
2
1
0.1
0.01
10
10
10
−4
−3
−2
−1
10
1
10
0.02
Square Wave Pulse Duration (sec)
Duty Cycle = 0.5
0.2
Single Pulse
0.1
0.05
2
1
0.1
0.01
10
10
10
−4
−3
−2
−1
10
1
10
100
600
Square Wave Pulse Duration (sec)
Duty Cycle = 0.5
0.2
Single Pulse
0.1
0.05
0.02
1. Duty Cycle, D =
2. Per Unit Base = RqJA = 90°C/W
3. TJM − TA = PDMZqJA
(t)
4. Surface Mounted
t 1
t 2
PDM
Notes:
t 1
t 2
Figure 11. Normalized Thermal Transient Impedance, Junction−to−Ambient
Figure 12. Normalized Thermal Transient Impedance, Junction−to−Foot


Similar Part No. - NTHD2102PT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD2110T ONSEMI-NTHD2110T Datasheet
94Kb / 7P
   Power MOSFET -12 V, -6.4 A, Single P-Channel TVS, ChipFET??Package
March, 2008 - Rev. 0
NTHD2110TT1G ONSEMI-NTHD2110TT1G Datasheet
94Kb / 7P
   Power MOSFET -12 V, -6.4 A, Single P-Channel TVS, ChipFET??Package
March, 2008 - Rev. 0
More results

Similar Description - NTHD2102PT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHS5441 ONSEMI-NTHS5441 Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS2101P ONSEMI-NTHS2101P Datasheet
54Kb / 6P
   ??.0 V, ??.5 A P?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHS5445T1 ONSEMI-NTHS5445T1 Datasheet
206Kb / 8P
   Power MOSFET P?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTHD5902T1 ONSEMI-NTHD5902T1 Datasheet
204Kb / 8P
   Power MOSFET Dual N?묬hannel ChipFET
February, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com