Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41LV8513-60T Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41LV8513-60T
Description  512K x 8 bit Dynamic RAM with Fast Page Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV8513-60T Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41LV8513-60T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV8513-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IC41C8513 and IC41LV8513
Integrated Circuit Solution Inc.
5
DR028-0A 09/25/2001
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
5V
−1.0 to +7.0
V
3.3V
−0.5 to +4.6
VCC
Supply Voltage
5V
−1.0 to +7.0
V
3.3V
−0.5 to +4.6
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Commercial Operation Temperature
0 to +70
oC
TSTG
Storage Temperature
−55 to +125
oC
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5V
4.5
5.0
5.5
V
3.3V
3.0
3.3
3.6
VIH
Input High Voltage
5V
2.4
VCC + 1.0
V
3.3V
2.0
VCC + 0.3
VIL
Input Low Voltage
5V
−1.0
0.8
V
3.3V
−0.3
0.8
TA
Commercial Ambient Temperature
0
70
oC
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A9
5
pF
CIN2
Input Capacitance:
RAS, CAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O7
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25oC, f = 1 MHz.


Similar Part No. - IC41LV8513-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV8512 ICSI-IC41LV8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35K ICSI-IC41LV8512-35K Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35KI ICSI-IC41LV8512-35KI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35T ICSI-IC41LV8512-35T Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IC41LV8512-35TI ICSI-IC41LV8512-35TI Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41LV8513-60T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
MB8117800A-60 ETC1-MB8117800A-60 Datasheet
580Kb / 27P
   2 M X 8 BIT FAST PAGE MODE DYNAMIC RAM
logo
OKI electronic componet...
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com