Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E158 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10E158
Description  5-BIT 2:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E158 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10E158 Datasheet HTML 1Page - ON Semiconductor MC10E158 Datasheet HTML 2Page - ON Semiconductor MC10E158 Datasheet HTML 3Page - ON Semiconductor MC10E158 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10E158 MC100E158
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776–02
ISSUE D
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.004 (0.100)
SEATING
PLANE
-T-
12.32
12.32
4.20
2.29
0.33
0.66
0.51
0.64
11.43
11.43
1.07
1.07
1.07
2
°
10.42
1.02
12.57
12.57
4.57
2.79
0.48
0.81
11.58
11.58
1.21
1.21
1.42
0.50
10
°
10.92
1.27 BSC
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIM G1, TRUE POSITION TO BE MEASURED
AT DATUM -T-, SEATING PLANE.
3. DIM R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.010 (0.250)
PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
VIEW S
B
U
Z
G1
X
VIEW D-D
H
K
F
VIEW S
G
C
Z
A
R
E
J
0.485
0.485
0.165
0.090
0.013
0.026
0.020
0.025
0.450
0.450
0.042
0.042
0.042
2
°
0.410
0.040
0.495
0.495
0.180
0.110
0.019
0.032
0.456
0.456
0.048
0.048
0.056
0.020
10
°
0.430
0.050 BSC
-N-
Y BRK
D
D
W
-M-
-L-
28
1
V
G1
K1


Similar Part No. - MC10E158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10E158 ONSEMI-MC10E158 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
MC10E158FN ONSEMI-MC10E158FN Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10E158FNG ONSEMI-MC10E158FNG Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10E158FNG ONSEMI-MC10E158FNG Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
More results

Similar Description - MC10E158

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
   5-BIT 2:1 MULTIPLEXER
SY10E158 MICREL-SY10E158 Datasheet
58Kb / 4P
   5-BIT 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
   2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
   2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
   2-Bit, 2:1, Single-Ended Multiplexer
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com