Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATU18_352 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATU18_352
Description  0.18um ULC Series with Embedded DPRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATU18_352 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATU18_352 Datasheet HTML 4Page - ATMEL Corporation ATU18_352 Datasheet HTML 5Page - ATMEL Corporation ATU18_352 Datasheet HTML 6Page - ATMEL Corporation ATU18_352 Datasheet HTML 7Page - ATMEL Corporation ATU18_352 Datasheet HTML 8Page - ATMEL Corporation ATU18_352 Datasheet HTML 9Page - ATMEL Corporation ATU18_352 Datasheet HTML 10Page - ATMEL Corporation ATU18_352 Datasheet HTML 11Page - ATMEL Corporation ATU18_352 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
4318C–ULC–08/05
ATU18
PLL Applications
ATMEL PLL is configurable to support applications as:
- Clock tree delay reduction
- Zero delay buffer
- Phase shift
- Frequency synthesis
Clock Tree Delay
Reduction
Typically, clock tree synthesis is able to build a very performant clock tree (for example: 0.15ns
of skew for a clock tree connected to 25000 Flipflops). For that, however, the clock tree latency
is increased during clock tree insertion. To satisfy Tco propagation delay, the PLL can be used
to reduce and even remove the clock tree delay.
Frequency Synthesis
By adding dividers on input clock and feedback clock, the PLL can be used to multiply the input
frequency by a factor determined by the user, as illustrated below:
Figure 3. PLL Frequency Synthesis
For example, with a 32Mhz input clock, to generate a 160 Mhz frequency clock on the output
outx0, it is necessary to set the input clock divider M to 1 and the feed-back clock divider N to 10.
VCO
Charge
Pump
Phase
comp
%M
CLKin
freqin
%N
%2
outx0
CLKout
PLL
divout


Similar Part No. - ATU18_352

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ATU GAMEWELL-FCI-ATU Datasheet
83Kb / 1P
   Releasing Device Unit/Abort Timer Unit
logo
Assmann Electronics Inc...
ATU6-V305T-R ASSMANN-ATU6-V305T-R Datasheet
243Kb / 1P
   Cat6, UTP, Twisted Pair, AWG24/1
logo
ATMEL Corporation
ATUC128D3 ATMEL-ATUC128D3_14 Datasheet
1Mb / 69P
   High Performance, Low Power 32-bit AVR
ATUC128L3U ATMEL-ATUC128L3U_14 Datasheet
12Mb / 963P
   High-performance, Low-power 32-bit Atmel
ATUC256L3U ATMEL-ATUC256L3U_14 Datasheet
441Kb / 45P
   High-performance, Low-power 32-bit Atmel
More results

Similar Description - ATU18_352

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
UA1E ATMEL-UA1E Datasheet
152Kb / 11P
   0.35 um ULC Series with Embedded DPRAM
UG01 ATMEL-UG01 Datasheet
38Kb / 7P
   0.6um ULC Series
logo
List of Unclassifed Man...
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
   0.18um Structured ASIC
logo
UN Semiconducctor INC
ESD05V72T-ULC UNSEMI-ESD05V72T-ULC Datasheet
124Kb / 1P
   ESD05V72T-ULC
2023-06-20
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
TDK Electronics
SD0201SL-ULC101 TDK-SD0201SL-ULC101 Datasheet
419Kb / 12P
   WL-CSP0201 Slim-line, ULC type
2021-04-07 Version: 1
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
   Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
logo
Adlink Technology Inc.
AMITX-BE-G ADLINK-AMITX-BE-G Datasheet
439Kb / 4P
   Mini-ITX Embedded Board with AMD Embedded R-Series APU
logo
TDK Electronics
SD01005SL-ULC101 TDK-SD01005SL-ULC101 Datasheet
563Kb / 12P
   WL-CSP01005 Slim-line, ULC type
2021-04-07 Version: 1
logo
Beckhoff Automation Gmb...
CX8110 BECKHOFF-CX8110 Datasheet
140Kb / 3P
   Embedded PC with EtherCAT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com