Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATU18_256 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATU18_256
Description  0.18um ULC Series with Embedded DPRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATU18_256 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATU18_256 Datasheet HTML 2Page - ATMEL Corporation ATU18_256 Datasheet HTML 3Page - ATMEL Corporation ATU18_256 Datasheet HTML 4Page - ATMEL Corporation ATU18_256 Datasheet HTML 5Page - ATMEL Corporation ATU18_256 Datasheet HTML 6Page - ATMEL Corporation ATU18_256 Datasheet HTML 7Page - ATMEL Corporation ATU18_256 Datasheet HTML 8Page - ATMEL Corporation ATU18_256 Datasheet HTML 9Page - ATMEL Corporation ATU18_256 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
4318C–ULC–08/05
ATU18
PLL Description
ATMEL PLL is available for a large range of frequencies. It has an internal filter and no external
component is necessary.
Programming at customization level allows to choose between four ranges of VCO frequency as
shown in the table below:
Different outputs are also available, to ensure a wide variety of use. The drawing below shows
the IOs of the PLL.
FreqSelect1
FreqSlect0
VCO Frequency
0
0
66-90Mhz
0
1
90-160Mhz
1
0
155-300Mhz
1
1
280-500Mhz
Table 4. Pin Description
Pin Name
TYPE
I/O
Function
FREQIN
digital
I
Reference input frequency
DIVOUT
digital
I
Feedback input frequency
FREQSELECT(1:0)
digital
I
VCO frequency range select
SC2,SC1
digital
I
internal filter value select
ICP(1:0)
digital
I
Charge pump current select
VccPLL
VssPLL
OUT0
OUT90
OUT180
OUT270
OUTX0
OUTX180
OUT1
OUT2
LCK
FREQIN
DIVOUT
ENPLL
FREQSELECT(1:0)
ICP(1:0)
SYNC
VCOIN
ENVCOIN
SC1
SC2
SR1
SR2


Similar Part No. - ATU18_256

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ATU GAMEWELL-FCI-ATU Datasheet
83Kb / 1P
   Releasing Device Unit/Abort Timer Unit
logo
Assmann Electronics Inc...
ATU6-V305T-R ASSMANN-ATU6-V305T-R Datasheet
243Kb / 1P
   Cat6, UTP, Twisted Pair, AWG24/1
logo
ATMEL Corporation
ATUC128D3 ATMEL-ATUC128D3_14 Datasheet
1Mb / 69P
   High Performance, Low Power 32-bit AVR
ATUC128L3U ATMEL-ATUC128L3U_14 Datasheet
12Mb / 963P
   High-performance, Low-power 32-bit Atmel
ATUC256L3U ATMEL-ATUC256L3U_14 Datasheet
441Kb / 45P
   High-performance, Low-power 32-bit Atmel
More results

Similar Description - ATU18_256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
UA1E ATMEL-UA1E Datasheet
152Kb / 11P
   0.35 um ULC Series with Embedded DPRAM
UG01 ATMEL-UG01 Datasheet
38Kb / 7P
   0.6um ULC Series
logo
List of Unclassifed Man...
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
   0.18um Structured ASIC
logo
UN Semiconducctor INC
ESD05V72T-ULC UNSEMI-ESD05V72T-ULC Datasheet
124Kb / 1P
   ESD05V72T-ULC
2023-06-20
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
TDK Electronics
SD0201SL-ULC101 TDK-SD0201SL-ULC101 Datasheet
419Kb / 12P
   WL-CSP0201 Slim-line, ULC type
2021-04-07 Version: 1
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
   Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
logo
Adlink Technology Inc.
AMITX-BE-G ADLINK-AMITX-BE-G Datasheet
439Kb / 4P
   Mini-ITX Embedded Board with AMD Embedded R-Series APU
logo
TDK Electronics
SD01005SL-ULC101 TDK-SD01005SL-ULC101 Datasheet
563Kb / 12P
   WL-CSP01005 Slim-line, ULC type
2021-04-07 Version: 1
logo
Beckhoff Automation Gmb...
CX8110 BECKHOFF-CX8110 Datasheet
140Kb / 3P
   Embedded PC with EtherCAT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com