Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2250-32-16 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2250-32-16
Description  Soft Microcontroller Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2250-32-16 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2250-32-16 Datasheet HTML 4Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 5Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 6Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 7Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 8Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 9Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 10Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 11Page - Dallas Semiconductor DS2250-32-16 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS2250(T)
8 of 20
COMMAND
FUNCTION
C
Return CRC-16 checksum of embedded RAM
D
Dump Intel hex File
F
Fill embedded RAM block with constant
K
Load 40-bit encryption key
L
Load Intel hex file
R
Read MCON register
T
Trace (Echo) incoming Intel hex data
U
Clear Security Lock
V
Verify Embedded RAM with incoming Intel hex
W
Write MCON register
Z
Set security lock
P
Put a value to a port
G
Get a value from a port
Table 1 summarizes the selection of the available Parallel Program Load cycles. The timing associated
with these cycles is illustrated in the electrical specs.
PARALLEL PROGRAM LOAD CYCLES Table 1
MODE
RST
PSEN
PROG
EA
P2.7
P2.6
P2.5
Program
1
0
0
VPP
10
X
Security Set
1
0
0
VPP
11
X
Verify
1X
X
1
00
X
Prog Expanded
1
0
0
VPP
01
0
Verify Expanded
1
0
1
1
0
1
0
Prog MCON or Key registers
1
0
0
VPP
01
1
Verify MCON registers
1
0
1
1
0
1
1
The Parallel Program cycle is used to load a byte of data into a register or memory location within the
DS2250(T). The Verify cycle is used to read this byte back for comparison with the originally loaded
value to verify proper loading. The Security Set cycle may be used to enable and the software security
feature. One may also enter bytes for the MCON register or for the five encryption registers using the
Program MCON cycle. When using this cycle, the absolute register address must be presented at Ports 1
and 2 as in the normal program cycle (Port 2 should be 00H). The MCON contents can likewise be
verified using the Verify MCON cycle.
When the DS2250(T) first detects a Parallel Program Strobe pulse or a Security Set Strobe pulse while in
the Program Load Mode following a power-on reset, the internal hardware of the device is initialized so
that an existing 4-kbyte program can be programmed into a DS2250(T) with little or no modification.
This initialization automatically sets the range address for 8 kbytes and maps the lowest 4-kbyte bank of
embedded RAM as program memory. The next 4 kbytes of embedded RAM are mapped as data memory.
In order to program more than 4 kbytes of program code, the Program/Verify Expanded cycles can be
used. Up to 32 kbytes of program code can be entered and verified. Note that the expanded 32 kbyte
Program/Verify cycles take much longer than the normal 4 kbyte Program/Verify cycles.


Similar Part No. - DS2250-32-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2250-32-16 DALLAS-DS2250-32-16 Datasheet
120Kb / 19P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250-32-16 MAXIM-DS2250-32-16 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
More results

Similar Description - DS2250-32-16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
DS2250 DALLAS-DS2250_1 Datasheet
120Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com