Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5000FP-16 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS5000FP-16
Description  Soft Microprocessor Chip
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP-16 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS5000FP-16 Datasheet HTML 6Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 7Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 8Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 9Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 10Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 11Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 12Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 13Page - Dallas Semiconductor DS5000FP-16 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS5000FP
10 of 22
DC CHARACTERISTICS (continued)
(VCC = 5V
±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Current at 16MHz
ICC
36
mA
2
Idle Mode Current at 12MHz
IIDLE
6.2
mA
3
Output Supply Voltage
VCCO1
VCC - 0.3
V
1
Output Supply Voltage
(Battery-Backed Mode)
VCCO2
VLI - 0.65
VLI - 0.5
V
8
Output Supply Current
at VCCO = VCC - 0.3V
ICCO1
80
mA
2
Battery-Backed Quiescent Current
ILI
5
75
nA
7
NOTES:
1. All voltages are referenced to ground.
2. Maximum operating ICC is measured with all output pins disconnected; XTAL1 driven with tCLKR,
tCLKF = 10ns, VIL = 0.5V; XTAL2 disconnected; EA = RST = PORT0 = VCC.
3. Idle mode ICC is measured with all output pins disconnected; XTAL1 driven at 12MHz with tCLKR,
tCLKF = 10ns, VIL = 0.5V; XTAL2 disconnected; EA = PORT0 = VCC, RST = VSS.
4. Stop mode ICC is measured with all output pins disconnected; EA = PORT0 = VCC; XTAL2 not
connected; RST = VSS.
5. Crystal startup time is the time required to get the mass of the crystal into vibrational motion from the
time that power is first applied to the circuit until the first clock pulse is produced by the on-chip
oscillator. The user should check with the crystal vendor for the worst-case spec on this time.
6. Assumes VLI = 3.3V maximum.
7. ILI is the current drawn from VLI when VCC = 0V and VCCO is disconnected.
8. I CCO = 10
mA.


Similar Part No. - DS5000FP-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5000FP-16 DALLAS-DS5000FP-16 Datasheet
364Kb / 22P
   Soft Microprocessor Chip
DS5000FP-16 DALLAS-DS5000FP-16 Datasheet
615Kb / 22P
   Soft Microprocessor Chip
logo
Maxim Integrated Produc...
DS5000FP-16 MAXIM-DS5000FP-16 Datasheet
615Kb / 22P
   Soft Microprocessor Chip
REV: 070605
DS5000FP-16++ MAXIM-DS5000FP-16+ Datasheet
615Kb / 22P
   Soft Microprocessor Chip
REV: 070605
More results

Similar Description - DS5000FP-16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS5000FP MAXIM-DS5000FP Datasheet
615Kb / 22P
   Soft Microprocessor Chip
REV: 070605
logo
Dallas Semiconductor
DS5000FP DALLAS-DS5000FP_05 Datasheet
615Kb / 22P
   Soft Microprocessor Chip
DS5000FP DALLAS-DS5000FP_1 Datasheet
364Kb / 22P
   Soft Microprocessor Chip
DS5001FP DALLAS-DS5001FP_05 Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
DS5001FP DALLAS-DS5001FP Datasheet
557Kb / 26P
   128k Soft Microprocessor Chip
logo
Maxim Integrated Produc...
DS5001FP MAXIM-DS5001FP Datasheet
939Kb / 27P
   128k Soft Microprocessor Chip
REV: 070605
logo
Crydom Inc.,
MCST1225 CRYDOM-MCST1225 Datasheet
1Mb / 5P
   Microprocessor based soft-start / soft-stop controller
logo
List of Unclassifed Man...
R6501 ETC-R6501 Datasheet
2Mb / 35P
   ONE CHIP MICROPROCESSOR
logo
Maxim Integrated Produc...
DS5002 MAXIM-DS5002 Datasheet
1Mb / 25P
   Secure Microprocessor Chip
REV: 072806
DS5003 MAXIM-DS5003 Datasheet
308Kb / 24P
   Secure Microprocessor Chip
Rev 0; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com