Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATU18_160 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATU18_160
Description  0.18um ULC Series with Embedded DPRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATU18_160 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATU18_160 Datasheet HTML 1Page - ATMEL Corporation ATU18_160 Datasheet HTML 2Page - ATMEL Corporation ATU18_160 Datasheet HTML 3Page - ATMEL Corporation ATU18_160 Datasheet HTML 4Page - ATMEL Corporation ATU18_160 Datasheet HTML 5Page - ATMEL Corporation ATU18_160 Datasheet HTML 6Page - ATMEL Corporation ATU18_160 Datasheet HTML 7Page - ATMEL Corporation ATU18_160 Datasheet HTML 8Page - ATMEL Corporation ATU18_160 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
4318C–ULC–08/05
ATU18
Table 2. Dual Port Mode Configurations
Memory area 576k bits
Memory Area 18K bits
Port A
64kx9
64kx9
64kx9
64kx9
16kx1
16kx1
16kx1
16kx1
16kx1
16kx1
Port B
64kx9
32kx18
16kx36
8Kx72
16kx1
8kx2
4kx4
2kx9
1kx8
512x36
Port A
32kx18
32kx18
32kx18
8kx2
8kx2
8kx2
8kx2
8kx2
Port B
32kx18
16kx36
8kx72
8kx2
4kx4
2kx9
1kx18
512x36
Port A
16kx36
16kx36
4kx4
4kx4
4kx4
4kx4
Port B
16kx36
8kx72
4kx4
2kx9
1kx18
512x36
Port A
8kx72
2kx9
2kx9
2kx9
Port B
8kx72
2kx9
1kx18
512x36
Port A
4Kx144
1kx18
1kx18
Port B
4Kx144
1kx18
512x36
Port A
512x36
Port B
512x36


Similar Part No. - ATU18_160

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ATU GAMEWELL-FCI-ATU Datasheet
83Kb / 1P
   Releasing Device Unit/Abort Timer Unit
logo
Assmann Electronics Inc...
ATU6-V305T-R ASSMANN-ATU6-V305T-R Datasheet
243Kb / 1P
   Cat6, UTP, Twisted Pair, AWG24/1
logo
ATMEL Corporation
ATUC128D3 ATMEL-ATUC128D3_14 Datasheet
1Mb / 69P
   High Performance, Low Power 32-bit AVR
ATUC128L3U ATMEL-ATUC128L3U_14 Datasheet
12Mb / 963P
   High-performance, Low-power 32-bit Atmel
ATUC256L3U ATMEL-ATUC256L3U_14 Datasheet
441Kb / 45P
   High-performance, Low-power 32-bit Atmel
More results

Similar Description - ATU18_160

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
UA1E ATMEL-UA1E Datasheet
152Kb / 11P
   0.35 um ULC Series with Embedded DPRAM
UG01 ATMEL-UG01 Datasheet
38Kb / 7P
   0.6um ULC Series
logo
List of Unclassifed Man...
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
   0.18um Structured ASIC
logo
UN Semiconducctor INC
ESD05V72T-ULC UNSEMI-ESD05V72T-ULC Datasheet
124Kb / 1P
   ESD05V72T-ULC
2023-06-20
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
TDK Electronics
SD0201SL-ULC101 TDK-SD0201SL-ULC101 Datasheet
419Kb / 12P
   WL-CSP0201 Slim-line, ULC type
2021-04-07 Version: 1
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
   Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
logo
Adlink Technology Inc.
AMITX-BE-G ADLINK-AMITX-BE-G Datasheet
439Kb / 4P
   Mini-ITX Embedded Board with AMD Embedded R-Series APU
logo
TDK Electronics
SD01005SL-ULC101 TDK-SD01005SL-ULC101 Datasheet
563Kb / 12P
   WL-CSP01005 Slim-line, ULC type
2021-04-07 Version: 1
logo
Beckhoff Automation Gmb...
CX8110 BECKHOFF-CX8110 Datasheet
140Kb / 3P
   Embedded PC with EtherCAT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com