Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2250T-8-16 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2250T-8-16
Description  Soft Microcontroller Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2250T-8-16 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2250T-8-16 Datasheet HTML 5Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 6Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 7Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 8Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 9Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 10Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 11Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 12Page - Dallas Semiconductor DS2250T-8-16 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS2250(T)
9 of 20
A typical parallel loading session would follow this procedure. First, set the contents of the MCON
register with the correct range and partition only if using expanded programming cycles. Next, the
encryption registers can be loaded to enable encryption of the program/data memory (not required). Then,
program the DS2250(T) using either normal or expanded program cycles and check the memory contents
using Verify cycles. The last operation would be to turn on the security lock feature by either a Security
Set cycle or by explicitly writing to the MCON register and setting MCON.0 to a 1.
SERIAL LOADER BAUD RATES FOR
DIFFERENT CRYSTAL FREQUENCIES Table 2
BAUD RATE
CRYSTAL FREQ
(MHz)
300
1200
2400
9600
19200
57600
14.7456
Y
Y
Y
Y
11.0592
Y
Y
Y
Y
Y
Y
9.21600
Y
Y
Y
Y
7.37280
Y
Y
Y
Y
5.52960
Y
Y
Y
Y
1.84320
Y
Y
Y
Y
ADDITIONAL INFORMATION
A complete description for all operational aspects of the DS2250(T) is provided in the User’s Guide
section of the Secure Microcontroller Data Book.
DEVELOPMENT SUPPORT
Dallas Semiconductor offers a kit package for developing and testing user code. The DS5000TK
Evaluation Kit allows the user to download Intel hex formatted code directly to the DS2250(T) from a
PC-XT/AT or compatible computer. The kit consists of a DS5000T-32-12, an interface pod, demo
software, and an RS232 connector that attaches to the COM1 or COM2 serial port of a PC. The kit can be
used with a DS2250(T). A mechanical adapter, the DS9075-40V, allows a DS2250(T) to be used in the
DS5000TK. See the Secure microcontroller User’s Guide for further details.


Similar Part No. - DS2250T-8-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2250T-8-16 DALLAS-DS2250T-8-16 Datasheet
120Kb / 19P
   Soft Microcontroller Module
More results

Similar Description - DS2250T-8-16

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
DS2250 DALLAS-DS2250_1 Datasheet
120Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000_1 Datasheet
100Kb / 19P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000 MAXIM-DS5000 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com