Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC32 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24FC32
Description  32K-Bit I2C Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24FC32 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC32 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT24FC32
7
Doc No. 1092, Rev. J
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
The READ operation for the CAT24FC32 is initiated in
the same manner as the write operation with one
exception, that R/
W bit is set to one. Three different
READ operations are possible: Immediate/Current
Address READ, Selective/Random READ and
Sequential READ.
Immediate/Current Address Read
The CAT24FC32’s address counter contains the address
of the last byte accessed, incremented by one. In other
words, if the last READ or WRITE access was to address
N, the READ immediately following would access data
from address N+1. If N=E (where E=4,095), then the
counter will ‘wrap around’ to address 0 and continue to
clock out data. After the CAT24FC32 receives its slave
address information (with the R/
W bit set to one), it
issues an acknowledge, then transmits the 8 bit byte
requested. The master device does not send an
acknowledge, but will generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START condition,
slave address and byte addresses of the location it
wishes to read. After CAT24FC32 acknowledges, the
Master device sends the START condition and the slave
address again, this time with the R/
W bit set to one. The
CAT24FC32 then responds with its acknowledge and
sends the 8-bit byte requested. The master device does
not send an acknowledge but will generate a STOP
condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24FC32 sends the initial 8-bit
byte requested, the Master will respond with an
acknowledge which tells the device it requires more
data. The CAT24FC32 will continue to output an 8-bit
byte for each acknowledge sent by the Master. The
operation will terminate when the Master fails to respond
with an acknowledge, thus sending the STOP condition.
The data being transmitted from CAT24FC32 is outputted
sequentially with data from address N followed by data
from address N+1. The READ operation address counter
increments all of the CAT24FC32 address bits so that
the entire memory array can be read during one operation.
If more than E (where E=4,095) bytes are read out, the
counter will ‘wrap around’ and continue to clock out data
bytes.
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
N
O
A
C
K
DATA
S
T
O
P
P


Similar Part No. - CAT24FC32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32A CATALYST-CAT24FC32A Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32AJTE13 CATALYST-CAT24FC32AJTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32AKTE13 CATALYST-CAT24FC32AKTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32ALTE13 CATALYST-CAT24FC32ALTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
CAT24FC32APTE13 CATALYST-CAT24FC32APTE13 Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC32A CATALYST-CAT24FC32A Datasheet
74Kb / 12P
   32K-Bit Fast Mode I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com