Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24AC128J-TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24AC128J-TE13
Description  128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AC128J-TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24AC128J-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24AC128J-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
A1
A2
VSS
A1
A2
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VSS
A0
DESCRIPTION
The CAT24AC128 is a 128kbit Serial CMOS EEPROM
internally organized as 16,384 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
reduces device power requirements. The CAT24AC128
features a 64-byte page write buffer. The device operates
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
I Commercial, industrial and extended
automotive temperature ranges
I Write protect feature
– Entire array protected when WP at V
IH
I 1,000,000 program/erase cycles
I 100 year data retention
I 8-Pin DIP, 8-Pin SOIC (JEDEC/EIAJ) or
14-pin TSSOP
via the I2C bus serial interface and is available in 8-pin
DIP, 8-pin SOIC or 14-pin TSSOP packages. Three
device address inputs allows up to 8 devices to share a
common 2-wire I2C bus.
PIN CONFIGURATION
BLOCK DIAGRAM
I 400kHz (2.5V) and 100kHz (1.8V) I2C bus
compatibility
I 1.8 to 5.5 volt operation
I Low power CMOS technology
I Schmitt trigger filtered inputs for noise
suppression
I 64-Byte page write buffer
I Self-timed write cycle with auto-clear
FEATURES
DIP Package (P, L)
SOIC Package (J, K, W, X)
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
E2PROM
256X512
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
SDA
256
512
SLAVE
ADDRESS
COMPARATORS
A0
A1
A2
Doc. No. 1028, Rev. I
TSSOP Package (U14, Y14)
A1
NC
NC
A2
A0
SDA
WP
NC
NC
NC
SCL
NC
VSS
V CC
14
13
12
11
1
2
3
4
5
6
7
10
9
8
CAT24AC128
128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
ALO
GEN FR
TM
LEAD FREE
PIN FUNCTIONS
Pin Name
Function
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +5.5V Power Supply
VSS
Ground
A0 - A2
Device Address Inputs


Similar Part No. - CAT24AC128J-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24AC128JE-1.8TE13 CATALYST-CAT24AC128JE-1.8TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JE-TE13 CATALYST-CAT24AC128JE-TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JI-1.8TE13 CATALYST-CAT24AC128JI-1.8TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128JI-TE13 CATALYST-CAT24AC128JI-TE13 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
More results

Similar Description - CAT24AC128J-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128_06 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com