Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC65 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24FC65
Description  64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC65 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24FC65 Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC65 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24FC65/66
3
Doc No. 1047, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Note:
(1) AC measurement conditions:
RL (connects to VCC): 0.3VCC to 0.7 VCC
Input rise and fall times: < 50ns
Input and output timing reference voltages: 0.5 VCC
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
A.C. CHARACTERISTICS
VCC = +2.5V to +5.5V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Power-Up Timing (2)(3)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
1
ms
tPUW
Power-Up to Write Operation
1
ms
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
V
5
.
5
-
V
5
.
2
=
C
C
V
n
i
Mx
a
Ms
t
i
n
U
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C
0
0
4z
H
k
t
A
A
t
u
O
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S0
50
0
9s
n
t
F
U
B
)
2
(
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
a
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
0
0
3
1s
n
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S0
0
6s
n
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C0
0
3
1s
n
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C0
0
6s
n
t
A
T
S
:
U
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
a
r
o
f
(
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S0
0
6s
n
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
0
1s
n
t
R
)
2
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S
0
0
3s
n
t
F
)
2
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S
0
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S0
0
6s
n
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
5s
n
t
R
W
e
m
i
T
e
l
c
y
C
e
t
i
r
W
5s
m
t
P
S
)
L
C
S
,
A
D
S
(
n
o
i
s
s
s
e
r
p
p
u
S
t
u
p
n
I
0
5s
n
t
P
W
;
U
S
e
m
i
T
p
u
t
e
S
P
W0
0
6s
n
t
P
W
;
D
H
e
m
i
T
d
l
o
H
P
W0
0
3
1s
n


Similar Part No. - CAT24FC65

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64GLETE13 CATALYST-CAT24FC64GLETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64GLITE13 CATALYST-CAT24FC64GLITE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64GWETE13 CATALYST-CAT24FC64GWETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC65

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com