Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC32AWTE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24FC32AWTE13
Description  32K-Bit Fast Mode I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC32AWTE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24FC32AWTE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC32AWTE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT24FC32A
7
Doc. No. 1048, Rev. F
FUNCTIONAL DESCRIPTION
The CAT24FC32A supports the I2C Bus data
transmission protocol. This Inter-Integrated Circuit Bus
protocol defines any device that sends data to the bus to
be a transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT24FC32A
operates as a Slave device. Both the Master device and
Slave device can operate as either transmitter or receiver,
but the Master device controls which mode is activated.
I
2
C Bus Protocol
The features of the I2C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition (Figure
6).
START Condition
The START condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24FC32A monitors
the SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
After the bus Master sends a START condition, a slave
address byte is required to enable the CAT24FC32A for
a read or write operation (Figure 7). The four most
significant bits of the 8-bit slave address are fixed as
binary 1010. The CAT24FC32A uses the next three bits
as address bits. The address bits A2, A1 and A0 are
used to select which device is accessed from maximum
eight devices on the same bus. These bits must compare
to their hardwired input pins. The last bit of the slave
address specifies whether a read or write operation is to
be performed. When this bit is set to “1”, a read operation
is initiated, and when set to “0”, a write operation is
selected.
Following the START condition and the slave address
byte, the CAT24FC32A monitors the bus and responds
with an acknowledge (on the SDA line) when its address
matches the transmitted slave address.
The
CAT24FC32A then performs a read or write operation
depending on the state of the R/W bit.
Figure 6. Start/Stop Timing
START BIT
SDA
STOP BIT
SCL
1
010
A2
A1
A0
R/W
Figure 7. Slave Address Bits


Similar Part No. - CAT24FC32AWTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLETE13 CATALYST-CAT24FC32GLETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GLITE13 CATALYST-CAT24FC32GLITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWETE13 CATALYST-CAT24FC32GWETE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24FC32GWITE13 CATALYST-CAT24FC32GWITE13 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24FC32AWTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
24AA32A MICROCHIP-24AA32A_13 Datasheet
1Mb / 44P
   32K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com