Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0601-PFQW Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0601-PFQW
Description  GPS FRONT-END IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0601-PFQW Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0601-PFQW Datasheet HTML 2Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 3Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 4Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 5Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 6Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 7Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 8Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 9Page - ATMEL Corporation ATR0601-PFQW Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
4866A–GPS–08/05
ATR0601 [Preliminary]
2Mixer
2.1
Output frequency
fXTO = 23.104 MHz
13, 14
fIF
96.764
MHz
A
2.2
Input impedance
(balanced)
f
RF = 1575.42 MHz
10, 11
Z
11
10-j80
C
2.3
Conversion Gain
Recommended IF-filter
8
G
MIX
20
dB
B
2.4
Noise figure (SSB)
8
NF
MIX
5.8
dB
C
3
VGA/AGC
3.1
Minimum gain
V
AGCO = 1.0V
G
VGA,min
0dB
B
3.2
Maximum gain
V
AGCO = 2.2V
G
VGA,max
70
dB
B
3.3
Control-voltage sensitivity
V
AGCO = 2.2V
N
VGA,min
6.6
dB/V
D
V
AGCO = 1.0V
N
VGA,max
150
dB/V
D
3.4
AGC cut-off frequency
C
ext = open
2
f
3dB_AGC
250
kHz
D
3.5
AGC cut-off frequency
C
ext = 100 pF
2
f
3dB_AGC
33
kHz
D
3.6
Gain-control output
voltage
2VAGCO
0.9
2.3
V
B
4
Reference Oscillator
4.1
XTO phase noise at
100 Hz
With specified crystal
24
Pn
100
–80
dBc/Hz
C
4.2
XTO phase noise at 1 kHz With specified crystal
24
Pn1k
–100
dBc/Hz
C
5
Clock and Data Driver
5.1
Clock driver frequency
fXTO = 23.104 MHz
24
fCLK
23.104
MHz
A
5.2
Clock output level
Cload,max = 10 pF
24
VCLK,high
0.9
× V
DIG
VB
5.3
Clock output level
Cload.max = 10 pF
24
VCLK,low
0.1
× V
DIG
VB
5.4
Data output level
Cload,max = 10 pF
22, 23
VData,high
0.9
× V
DIG
VB
5.5
Data output level
Cload,max = 10 pF
22, 23
VData,low
0.1
× V
DIG
VB
6PMSS
6.1
Voltage level power-on
17, 18
VPU,on
1.3
V
A
6.2
Voltage level power-off
17, 18
VPU,off
0.5
V
A
7.
Electrical Characteristics (Continued)
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Conditions: V
CC = 2.7V; VDIG = 1.65V; Temperature = 27°C
2. Capacitive load (CL = 3.3 pF) at pins 22, 23, 24
3. Capacitive load (CL = 3.3 pF) at pin 24


Similar Part No. - ATR0601-PFQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0601-PFQW ATMEL-ATR0601-PFQW Datasheet
556Kb / 18P
   GPS Front-end IC
More results

Similar Description - ATR0601-PFQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
   GPS Front-End Module
Rev.3.2, Oct. 2010
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com