Electronic Components Datasheet Search |
|
CAT24FC65GLI-TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor |
|
CAT24FC65GLI-TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor |
9 / 10 page CAT24FC65/66 9 Doc No. 1047, Rev. H © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice ORDERING INFORMATION Notes: (1) The device used in the above example is a 24FC66JI-TE13 REV-D (SOIC, Industrial Temperature, 2.5 Volt to 5.5 Volt Operating Voltage, Tape & Reel) Temperature Range I = Industrial (-40˚C to 85˚C) A = Automotive (-40˚C to 105˚C) Prefix Device # Suffix J I TE13 Product Number 24FC65 24FC66 Tape & Reel Package P: PDIP K: SOIC, EIAJ J: SOIC, JEDEC U: TSSOP RD2: TDFN L: PDIP (Lead-free, Halogen-free) W: SOIC, JEDEC (Lead-free, Halogen-free) Y: TSSOP (Lead-free, Halogen-free) X: SOIC, EIAJ (Lead-free, Halogen-free) ZD2: TDFN (Lead-free, Halogen-free) GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating) GW: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating) GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating) GX: SOIC, EIAJ (Lead-free, Halogen-free, NiPdAu lead plating) REV-D Die Revision -1.8 Operating Voltage Blank: 2.5 to 5.5V 24FC66 CAT Optional Company ID E = Extended (-40˚C to 125˚C) |
Similar Part No. - CAT24FC65GLI-TE13 |
|
Similar Description - CAT24FC65GLI-TE13 |