Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKTF81-04HL Datasheet(PDF) 8 Page - International Rectifier

Part # IRKTF81-04HL
Description  FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKTF81-04HL Datasheet(HTML) 8 Page - International Rectifier

  IRKTF81-04HL Datasheet HTML 1Page - International Rectifier IRKTF81-04HL Datasheet HTML 2Page - International Rectifier IRKTF81-04HL Datasheet HTML 3Page - International Rectifier IRKTF81-04HL Datasheet HTML 4Page - International Rectifier IRKTF81-04HL Datasheet HTML 5Page - International Rectifier IRKTF81-04HL Datasheet HTML 6Page - International Rectifier IRKTF81-04HL Datasheet HTML 7Page - International Rectifier IRKTF81-04HL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRK.F82.. Series
8
Bulletin I27103 rev. A 09/97
www.irf.com
Fig. 15 - Gate Characteristics
Fig. 13 - Frequency Characteristics
Fig. 14 - Maximum On-state Energy Power Loss Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
150
Snubber circuit
R
= 22 ohms
C
= 0.15 µF
V
= 80% V
s
s
D
DRM
IRK.F82.. Series
Trapezoidal Pulse
T
= 90 °C, di/dt 50A/µs
C
tp
1E4 1E11E2
1E31E4
50 Hz
400
1000
2500
5000
Pulse Basewidth (µs)
Snubber circuit
R
= 22 ohms
C
= 0.15 µF
V
= 80% V
s
s
D
DRM
150
IRK.F 82.. Series
Trapezoidal Pulse
T
= 90 °C, di/dt 100A/µs
C
tp
1E1
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
0.1
0.01
IRK.F82.. Series
Sinusoidal pulse
0.05
0.25
0.5
2.5
10 joules per pulse
Pulse Basewidth (µs)
tp
5
1E4 1E11E2
1E31E4
1
0.1
Pulse Basewidth (µs)
0.05
0.25
0.5
2.5
5
10 joules per pulse
IRK.F82.. Series
Trapezoidal Pulse
di/dt 50A/µs
tp
1E1
0.1
1
10
100
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Rectangular gate pulse
<=30% rated di/dt : 10 V, 10 ohms
(1) PGM = 10W, tp = 10ms
(2) PGM = 20W, tp = 5ms
(3) PGM = 40W, tp = 2.5ms
IRK.F82.. Series
Frequency Limited by PG(AV)
rated di/dt : 20 V, 10 ohms tr<=1 µs
tr<=1 µs


Similar Part No. - IRKTF81-04HL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF101-08HJ IRF-IRKTF101-08HJ Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HJ IRF-IRKTF101-08HJ Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HJN IRF-IRKTF101-08HJN Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HJN IRF-IRKTF101-08HJN Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF101-08HK IRF-IRKTF101-08HK Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKTF81-04HL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF112 IRF-IRKTF112 Datasheet
141Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKF102 IRF-IRKF102 Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKTF72 IRF-IRKTF72 Datasheet
193Kb / 8P
   FAST THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRK.F102 IRF-IRK.F102 Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKLF200-12HJ VISHAY-VSKLF200-12HJ Datasheet
1Mb / 12P
   Fast Thyristor/Diode and Thyristor
Revision: 19-Jul-10
logo
International Rectifier
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com