Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT661EPA Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT661EPA
Description  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT661EPA Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT661EPA Datasheet HTML 7Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 8Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 9Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 10Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 11Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 12Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 13Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 14Page - Catalyst Semiconductor CAT661EPA Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT661
11
Doc. No. 5003, Rev. J
POSITIVE VOLTAGE DOUBLER
The voltage doubler circuit shown in figure 9 gives VOUT = 2 x VIN for input voltages from 2.5V to 5.5V.
PRECISION VOLTAGE DIVIDER
A precision voltage divider is shown in figure 10. With load currents under 100nA, the voltage at pin 2 will be within
0.002% of V+/2 .
Figure 9: Voltage Doubler
Figure 10: Precision Voltage Divider (Load
≤ 100nA)
1
2
3
4
8
7
6
5
CAT661
+
BOOST/FC
CAP+
GND
CAP-
VOUT = 2VIN
+
VIN
2.5V to 5.5V
1N5817*
*SCHOTTKY DIODE IS FOR START-UP ONLY
V+
OSC
LV
OUT
1
2
3
4
8
7
6
5
+
V+
3V to 11V
+
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
CAT661
+ 0.002%
V+
2
IL < 100nA


Similar Part No. - CAT661EPA

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT661ELA CATALYST-CAT661ELA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
CAT661ELA ONSEMI-CAT661ELA Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
logo
Catalyst Semiconductor
CAT661EVA CATALYST-CAT661EVA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661EVA ONSEMI-CAT661EVA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
More results

Similar Description - CAT661EPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com