Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU6673CL Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU6673CL
Description  25-common x 100-segment BITMAP LCD DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6673CL Datasheet(HTML) 1 Page - New Japan Radio

  NJU6673CL Datasheet HTML 1Page - New Japan Radio NJU6673CL Datasheet HTML 2Page - New Japan Radio NJU6673CL Datasheet HTML 3Page - New Japan Radio NJU6673CL Datasheet HTML 4Page - New Japan Radio NJU6673CL Datasheet HTML 5Page - New Japan Radio NJU6673CL Datasheet HTML 6Page - New Japan Radio NJU6673CL Datasheet HTML 7Page - New Japan Radio NJU6673CL Datasheet HTML 8Page - New Japan Radio NJU6673CL Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
-1 -
NJU6673
Ver.2003-04-08
25-common x 100-segment
BITMAP LCD DRIVER
GENERAL DESCRIPTION
The NJU6673 is a 25-common x 100-segment bit map
LCD driver to display graphics or characters.
It contains 2,500 bits display data RAM, microprocessor
interface circuits, instruction decoder, and common and
segment drivers.
An image data from MPU through the serial or 8-bit
parallel interface are stored into the 2,500 bits internal
displayed on the LCD panel through the commons and
segments drivers.
The NJU6673 displays 25 x 100 dots graphics or
7-character 2-line by 12 x 13 dots character.
The NJU6673 contains a built-in OSC circuit for
reducing external components.
And it features an
electrical variable resistor.
As result, it reduces the
operating current.
The operating voltage from 2.4V to 5.5V and low
operating current are suitable for small size battery
operation items.
FEATURES
Direct Correspondence of Display Data RAM to LCD Pixel
Display Data RAM
2,500 bits
LCD Drivers
25-common and 100-segment
Selectable Duty and Bias Ratio ; 1/25 Duty 1/6 Bias or 1/15 Duty 1/5 Bias
Direct connection to 8-bit Microprocessor interface for both of 68 and 80 type MPU
Serial Interface (SI, SCL, A0, CS)
Useful instruction set
Display ON/OFF, Display Start Line Set, Page Address Set, Column Address Set, Status Read,
Write Display Data, Read Display Data, Normal or Inverse ON/OFF Set, Static Drive ON/Normal Display,
EVR Register Set, Read Modify Write, End, Reset, Internal Power Supply ON/OFF, Driver Output ON/OFF,
Power Save and ADC select.
Power Supply Circuits for LCD;
Available attractive operation for small LCD panel without external capacitors for bias stabilization.
Booster Circuits(3 times maximum, Voltage boosting polarity : Negative (VDD Common)),
Regulator, Voltage Follower(x 4)
Precision Electrical Variable Resistance (16 Steps)
Low Power Consumption
Operating Voltage
2.4V to 5.5V
LCD Driving Voltage
4.0V to 10.0V
Package Outline
Bumped Chip
C-MOS Technology (Substrate : N)
PACKAGE OUTLINE
NJU6673CL


Similar Part No. - NJU6673CL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6675CH NJRC-NJU6675CH Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6676 NJRC-NJU6676 Datasheet
856Kb / 46P
   64-Common X 132-Segment plus 1-Icon Bit Map Type LCD Controller and Driver
NJU6676CH NJRC-NJU6676CH Datasheet
856Kb / 46P
   64-Common X 132-Segment plus 1-Icon Bit Map Type LCD Controller and Driver
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
   88-common x 132-segment BIT MAP LCD DRIVER
More results

Similar Description - NJU6673CL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6657 NJRC-NJU6657 Datasheet
764Kb / 78P
   88-common x 272-segment Bitmap LCD Driver
logo
List of Unclassifed Man...
NJU6655 ETC-NJU6655 Datasheet
382Kb / 47P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
logo
New Japan Radio
NJU6655B NJRC-NJU6655B Datasheet
523Kb / 54P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
   128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Motorola, Inc
MC141531 MOTOROLA-MC141531 Datasheet
384Kb / 25P
   LCD Segment / Common Driver CMOS
logo
New Japan Radio
NJU6678 NJRC-NJU6678 Datasheet
491Kb / 45P
   104-common x 132-segment BIT MAP LCD DRIVER
NJU6679 NJRC-NJU6679 Datasheet
598Kb / 46P
   128-common x 132-segment BIT MAP LCD DRIVER
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
   88-common x 132-segment BIT MAP LCD DRIVER
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com