Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXAZ4115AC6T1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXAZ4115AC6T1
Description  MEDIA RESISTANT, INTEGRATED SILICON PRESSURE SENSOR FOR MANIFOLD ABSOLUTE PRESSURE, ALTIMETER OR BAROMETER APPLICATIONS ON-CHIP SIGNAL CONDITIONED, TE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXAZ4115AC6T1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXAZ4115AC6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXAZ4115AC6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXAZ4115AC6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXAZ4115AC6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXAZ4115AC6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXAZ4115AC6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXAZ4115AC6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MPXAZ4115A SERIES
4
Motorola Sensor Device Data
Transfer Function (MPXAZ4115A)
Nominal Transfer Value: Vout = VS x (0.009 x P – 0.095)
± (Pressure Error x Temp. Factor x 0.009 x VS)
VS = 5.1 ± 0.25 Vdc
Temperature Error Band
MPXAZ4115A Series
Break Points
Temp
Multiplier
- 40
3
0 to 85
1
125
3
Temperature in C°
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C
Pressure Error Band
Error Limits for Pressure
3.0
2.0
1.0
-1.0
-2.0
-3.0
0.0
20
Pressure (in kPa)
Pressure
Error (Max)
15 to 115 (kPa) ± 1.5 (kPa)
40
60
80
100
120
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
482
MPXAZ4115A6U
Rails
MPXAZ4115A
Absolute, Element Only
482
MPXAZ4115A6T1
Tape and Reel
MPXAZ4115A
Ported Element
Absolute, Axial Port
482A
MPXAZ4115AC6U
Rails
MPXAZ4115A
Absolute, Axial Port
482A
MPXAZ4115AC6T1
Tape and Reel
MPXAZ4115A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MPXAZ4115AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXAZ4100A FREESCALE-MPXAZ4100A Datasheet
194Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
logo
NXP Semiconductors
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
logo
Freescale Semiconductor...
MPXAZ4100A6T1 FREESCALE-MPXAZ4100A6T1 Datasheet
194Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
logo
NXP Semiconductors
MPXAZ4100A6T1 NXP-MPXAZ4100A6T1 Datasheet
229Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
logo
Freescale Semiconductor...
MPXAZ4100A6U FREESCALE-MPXAZ4100A6U Datasheet
194Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
More results

Similar Description - MPXAZ4115AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4105A FREESCALE-MPX4105A Datasheet
177Kb / 7P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned
MPX4115A FREESCALE-MPX4115A Datasheet
740Kb / 9P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
MPX4200A FREESCALE-MPX4200A Datasheet
161Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPX4101A FREESCALE-MPX4101A Datasheet
260Kb / 12P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPXAZ4100A FREESCALE-MPXAZ4100A Datasheet
194Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
logo
Freescale Semiconductor...
MPXHZ6116A FREESCALE-MPXHZ6116A Datasheet
143Kb / 10P
   Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com