Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61880 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS61880
Description  OCTAL E1 LINE INTERFACE UNIT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61880 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS61880 Datasheet HTML 60Page - Cirrus Logic CS61880 Datasheet HTML 61Page - Cirrus Logic CS61880 Datasheet HTML 62Page - Cirrus Logic CS61880 Datasheet HTML 63Page - Cirrus Logic CS61880 Datasheet HTML 64Page - Cirrus Logic CS61880 Datasheet HTML 65Page - Cirrus Logic CS61880 Datasheet HTML 66Page - Cirrus Logic CS61880 Datasheet HTML 67Page - Cirrus Logic CS61880 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
CS61880
64
DS450PP3
19.12 Switching Characteristics- Parallel Port (Non-Multiplexed Mode)
Parameter
Ref. #
Min.
Typ.
Max
Unit
Address Setup Time to WR, RD or DS Low
1
10
-
-
ns
Address Hold Time
2
5
-
-
ns
CS & R/W Setup Time Before WR, RD or DS Low
3
0
-
-
ns
CS & R/W Hold Time
4
0
-
-
ns
Pulse Width, WR, RD, or DS
570
-
-
ns
Write Data Setup Time
6
30
-
-
ns
Write Data Hold Time
7
30
-
-
ns
Output Data Delay Time from RD or DS
8
-
-
100
ns
Read Data Hold Time
9
5
-
-
ns
WR or RD Low to RDY Low
10
-
-
55
ns
WR, RD or DS Low to RDY High
11
-
-
100
ns
WR, RD or DS High to RDY HIGH-Z
12
-
-
40
ns
DS Low to ACK High
13
-
-
65
ns
DS Low to ACK Low
14
-
-
100
ns
DS High to ACK HIGH-Z
15
-
-
40
ns


Similar Part No. - CS61880

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61880-IQ CIRRUS-CS61880-IQ Datasheet
488Kb / 22P
   Octal E1 Line Interface Evaluation Board
More results

Similar Description - CS61880

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com