Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4261V-25JC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C4261V-25JC
Description  16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261V-25JC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C4261V-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 9Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 10Page - Cypress Semiconductor CY7C4261V-25JC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Document #: 38-06013 Rev. *A
Page 7 of 16
AC Test Loads and Waveforms (continued) (-10)
3.0V
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
All Input Pulses
I/O
50
VCC/2
Z0=50
Switching Characteristics Over the Operating Range
Parameter
Description
7C4261/71/81/91V-
10
7C4261/71/81/91V-
15
7C4261/71/81/91V-
25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
8
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock HIGH Time
4.5
6
10
ns
tCLKL
Clock LOW Time
4.5
6
10
ns
tDS
Data Set-up Time
3.5
4
6
ns
tDH
Data Hold Time
0
0
1
ns
tENS
Enable Set-up Time
3.5
4
6
ns
tENH
Enable Hold Time
0
0
1
ns
tRS
Reset Pulse Width[10]
10
15
25
ns
tRSS
Reset Set-up Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag and Output Time
10
15
25
ns
tOLZ
Output Enable to Output in Low Z[11]
00
0
ns
tOE
Output Enable to Output Valid
3
7
3
10
3
12
ns
tOHZ
Output Enable to Output in High Z[11]
37
3
8
3
12
ns
tWFF
Write Clock to Full Flag
8
10
15
ns
tREF
Read Clock to Empty Flag
8
10
15
ns
tPAF
Clock to Programmable Almost-Full Flag
8
10
15
ns
tPAE
Clock to Programmable Almost-Full Flag
8
10
15
ns
tSKEW1
Skew Time between Read Clock and Write
Clock for Empty Flag and Full Flag
56
10
ns
tSKEW2
Skew Time between Read Clock and Write
Clock for Almost-Empty Flag and
Almost-Full Flag
10
15
18
ns
Notes:
10. Pulse widths less than minimum values are not allowed.
11.
Values guaranteed by design, not currently tested.


Similar Part No. - CY7C4261V-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V-25JC CYPRESS-CY7C4261V-25JC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
More results

Similar Description - CY7C4261V-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292 CYPRESS-CY7C4292 Datasheet
207Kb / 16P
   64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com