Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12060LAZT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12060LAZT
Description  10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12060LAZT Datasheet(HTML) 5 Page - Texas Instruments

  PTH12060LAZT Datasheet HTML 1Page - Texas Instruments PTH12060LAZT Datasheet HTML 2Page - Texas Instruments PTH12060LAZT Datasheet HTML 3Page - Texas Instruments PTH12060LAZT Datasheet HTML 4Page - Texas Instruments PTH12060LAZT Datasheet HTML 5Page - Texas Instruments PTH12060LAZT Datasheet HTML 6Page - Texas Instruments PTH12060LAZT Datasheet HTML 7Page - Texas Instruments PTH12060LAZT Datasheet HTML 8Page - Texas Instruments PTH12060LAZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12060W/L
SLTS217D–MAY 2003–REVISED OCTOBER 2005
TA = 25°C; VI =12V;VO = 1.8 V; CI = 560 µF, CO =0µF, and IO =IOmax (unless otherwise stated)
PTH12060L
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
Over ∆Vadj range
85°C, 200 LFM airflow
0
10(1)
IO
Output current
A
25°C, natural convention
0
10(1)
VI
Input voltage range
Over IO range
10.8
13.2
V
VOtol
Set-point voltage tolerance
±2(2)
%VO
∆Regtemp
Temperature variation
–40°C<TA <85°C
±0.5
%VO
∆Regline
Line regulation
Over VI range
±10
mV
∆Regload
Load regulation
Over IO range
±12
mV
∆Regtot
Total output variation
Includes set-point, line, load, –40°C ≤ TA ≤ 85°C
±3%VO
∆Vadj
Output voltage adjust range
Over VI range
0.8
1.8
V
RSET = 130 Ω,VO = 1.8 V
88%
RSET =3.57kΩ,VO = 1.5 V
87%
η
Efficiency
IO =8A
RSET = 12.1 kΩ,VO = 1.2 V
84%
RSET = 32.4 kΩ,VO = 1 V
82%
RSET = open circuit, VO = 0.8 V
81%
VO >1V
20(3)
20-MHz bandwidth,
VO ripple (peak-to-peak)
mVPP
with CO2 = 10 µF ceramic
VO ≤ 1V
30(3)
IO trip
Overcurrent threshold
Reset, followed by auto-recovery
20
A
ttr
1 A/µs load step, 50 to 100%
Recovery time
70
µS
Transient response
IOmax,
VO over/undershoot
100
mV
∆Vtr
CO1 = 330 µF
VOadj
Margin up/dow adjust
±5%
IILmargin
Margin input current (pins 9/10)
Pin to GND
–8(4)
µA
IILtrack
Track input current (pin 8)
Pin to GND
–0.11(5)
mA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1V/ms
VI increasing
9.5
10.4
UVLO
Under-voltage lockout
V
VI decreasing
8.8
9
Inhibit Control (pin 3)
Referenced to GND
VIH
Input high voltage
VI – 0.5
Open(5)
V
VIL
Input low voltage
–0.2
0.5
IIL inhibit
Input low current
Pin to GND
0.24
mA
II inhibit
Input standby current
Inhibit (pin 3) to GND, Track (pin 8) open
10
mA
f s
Switching frequency
Over VI and IO ranges
200
250
300
kHz
CI
External input capacitance
560(6)
µF
Nonceramic
0
330(7)
5500(8)
Capacitance value
µF
CO
External output capacitance
Ceramic
0
300
Equivalent series resistance (nonceramic)
4(9)
mΩ
Per Bellcore TR-332
6.4
MTBF
Reliability
106 Hr
50% stress, TA =40°C, ground benign
(1) See SOA curves or consult factory for appropriate derating.
(2) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/°C or better temperature stability.
(3) The peak-to-peak output ripple voltage is measured with an external 10-µF ceramic capacitor. See the standard application schematic.
(4) A small, low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(5) This control pin has an internal pull-up to the input voltage VI (7.5 V for pin 8). If it is left open-circuit, the module operates when input
power is applied. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control.
For further information, see the application information section.
(6) A 560-µF input capacitor are required for proper operation. The electrolytic capacitor must be rated for a minimum of 1050 mA rms of
ripple current.
(7) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load improves the
transient response.
(8) This is the calculated maximum. The minimum ESR limitation oftens result in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 2200 µF. See the application notes for further guidance.
(9) This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 7 mΩ as the minimum when using max-ESR values
to calculate.
5


Similar Part No. - PTH12060LAZT

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12060L ARTESYN-PTH12060L Datasheet
371Kb / 5P
   DC/DC CONVERTERS POLA Non-isolated
PTH12060L ARTESYN-PTH12060L Datasheet
758Kb / 6P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - PTH12060LAZT

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com