Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5121SDI-50-T Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT5121SDI-50-T
Description  16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5121SDI-50-T Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT5121SDI-50-T Datasheet HTML 3Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 4Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 5Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 6Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 7Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 8Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 9Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 10Page - Catalyst Semiconductor CAT5121SDI-50-T Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT5120/5121/5122
10
Doc. No. 2121, Rev. A
SOT-23
(AA OPTION)
aaa C 2X
aaa C D
2X
3
4
3
4
5
bbb C
2X N/2 TIPS
NX b
5
1
2N/2
N/2
+1
N
ddd
C
M
A B D
D
e1
A
B
e
E1
E1/2
E/2
E
D
ccc C
C
SEATING
PLANE
A2
A
NX
A
A
A1
H
B
B
SEE VIEW C
VIEW A-A
L2
R
R1
GAUGE
PLANE
L
C
SEATING
PLANE
VIEW C
BASE METAL
SECTION B - B
c1
WITH METAL
b1
(b)
c
7
b 5
8
X
X=A &/or B
ODD LEAD SIDES
TOP VIEW
5
X
X=A &/or B
EVEN LEAD SIDES
TOP VIEW
e/2
(L1)
Notes:
1.
Dimensions and tolerancing per ASME Y14.5M - 1994
2.
Dimension are in mm.
3.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead
flash or protrusion shall not exceed 0.15mm per side. D and E1 dimensions are determined at Datum H.
All Dimensions are in Millimeters
Min
Nom
Max
Notes
A
——
1.00
A1
0.01
0.05
0.10
A2
0.84
0.87
0.90
c
0.12
0.15
0.20
7
c1
0.08
0.13
0.16
7
D
2.90BSC
3,4
E
2.80BSC
3,4
E1
1.60BSC
3,4
L
0.30
0.40
0.50
L1
0.60REF
L2
0.25BSC
R
0.10
——
R1
0.10
0.25
θ
0
°
4
°
8
°
θ14°
10
°
12
°
Tolerances of Form and Position
Notes
aaa
0.15
1,2
bbb
0.25
1,2
ccc
0.10
1,2
Variations
AA
6 AB
BA
Min
Nom
Max
Min
Nom
Max
Min
Nom
Max
Notes
b
0.30
0.45
0.30
0.45
0.22
0.36
7,8
b1
0.31
0.35
0.39
0.31
0.35
0.39
0.22
0.26
0.30
e
0.95BSC
0.95BSC
0.65BSC
e1
1.90BSC
1.90BSC
1.95BSC
N6
5
8
Tolerances of Form and Position
ddd
0.20
0.20
0.13
1,2
4.
The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost extremes of the plastic body exclusive of mold flash, the bar
burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. D and E1 dimensions are determined at Datum H.
5.
Datums A & B to be determined at Datum H.
6.
Package varation "AB" is a 5 lead version of the 6 lead variation "AA" where lead #5 has been removed from the 6 lead "AA" variation.
7.
These dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip.
8.
Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm total in excess of the "b" dimension at maximum material condition. The dambar
cannot be located on the lower radius of the foot. Minimum space between protrusion and an adjacent lead shall not be less than 0.07mm.


Similar Part No. - CAT5121SDI-50-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5121SDI-50-GT10 CATALYST-CAT5121SDI-50-GT10 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5121SDI-50-GT3 CATALYST-CAT5121SDI-50-GT3 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5121SDI-50-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com