Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5121TBI-00-T Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT5121TBI-00-T
Description  16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5121TBI-00-T Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT5121TBI-00-T Datasheet HTML 3Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 4Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 5Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 6Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 7Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 8Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 9Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 10Page - Catalyst Semiconductor CAT5121TBI-00-T Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT5120/5121/5122
8
Doc. No. 2121, Rev. A
APPLICATIONS INFORMATION
The Minipots are intended for circuits requiring digitally
controlled adjustable resistance, such as LCD contrast
control, where voltage biasing adjusts the display con-
trast.
Alternative Positive LCD Bias Control
Use an op amp to provide buffering and gain on the
output of the CAT5120. Connect the mechanical
potentiometer to the positive input of a noninverting op
amp (Figure 3) to select a portion of the input signal by
digitally controlling the wiper terminal. Figure 4 shows a
similar circuit for the CAT5121.
Adjustable Gain
Figure 5 shows how to use the variable resistor to
digitally adjust the gain of a noninverting op amp
configuration. Connect the CAT5121 in series with a
resistor to ground to form the adjustable gain control of
a noninverting amplifier. The Minipots have a low 5ppm/
˚C ratiometric tempco that allows for a very stable
adjustable gain configuration over temperature.
Figure 3. Positive LCD Bias Control
Figure 4. Positive LCD Bias Control
Figure 5a. Adjustable Gain Circuit
Figure 5b. Adjustable Gain Circuit
30V
W
L
H
+5V
VOUT
30V
L
H
+5V
VOUT
VCC
L
H
VIN
VOUT
VCC
L
H
W
VIN
VOUT
CAT5120
CAT5121
CAT5121
CAT5120


Similar Part No. - CAT5121TBI-00-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5121TBI-00-T3 ONSEMI-CAT5121TBI-00-T3 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
More results

Similar Description - CAT5121TBI-00-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com