Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT61162E-PM40M-E Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT61162E-PM40M-E
Description  Rad Hard 2-Mbit x 8 SRAM Cube
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT61162E-PM40M-E Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT61162E-PM40M-E Datasheet HTML 6Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 7Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 8Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 9Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 10Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 11Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 12Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 13Page - ATMEL Corporation AT61162E-PM40M-E Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AT61162E
4157D–AERO–06/04
Figure 3. Write Cycle 3. CS1 or CS2 Controlled
Note:
The internal write time of the memory is defined by the overlap of CS
1 Low and CS2
HIGH and WE LOW. Both signals must be activated to initiate a write and either signal
can terminate a write by going in actived. The data input setup and hold timing should be
referenced to the activated edge of the signal that terminates the write. Data out is high
impedance if OE = VIH.
Figure 4. Read Cycle nb 1
Figure 5. Read Cycle nb 2


Similar Part No. - AT61162E-PM40M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT61162E-PM40M-E ATMEL-AT61162E-PM40M-E Datasheet
333Kb / 14P
   Rad Hard 2-Mbit x 8 SRAM Cube
More results

Similar Description - AT61162E-PM40M-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT61162E ATMEL-AT61162E_05 Datasheet
333Kb / 14P
   Rad Hard 2-Mbit x 8 SRAM Cube
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com