Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5119SDI-00-T10 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5119SDI-00-T10
Description  32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5119SDI-00-T10 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5119SDI-00-T10 Datasheet HTML 2Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 3Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 4Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 5Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 6Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 7Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 8Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 9Page - Catalyst Semiconductor CAT5119SDI-00-T10 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT5110/5118/5119
6
Doc. No. 2120, Rev. A
ELECTRICAL CHARACTERISTICS
VDD = 2.7 V to 5.5 V, VH = VDD, VL = 0, TA = -40˚C to 85˚C. Typical values are at VDD = 2.7 V, TA = 25˚C,
unless otherwise noted.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
s
e
i
l
p
p
u
S
r
e
w
o
P
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S7
.
25
.
5V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
c
A
)
3
(
5
2A
µ
I
D
S
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
S
)
4
(
V
D
D
V
5
+
=3
.
01
A
µ
Notes:
1.
Up/Down Toggle Rate:
2.
Typical setting times are dependant on end-to-end resistance.
3.
Supply current taken while changing wiper tap, fTOGGLE = 1MHz.
4.
Supply current taken while wiper position is fixed.
fTOGGLE =
1
tSETTLE
TYPICAL OPERATING CHARACTERISTICS
TA = 25˚C, unless otherwise noted.
VDD = 5.5V
VDD = 2.7V
08
4
12162024
WIPER POSITION
VDD = 2.7V
VDD = 5.5V
28
32
50K


Similar Part No. - CAT5119SDI-00-T10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5119SDI-00-GT10 CATALYST-CAT5119SDI-00-GT10 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5119SDI-00-GT10 CATALYST-CAT5119SDI-00-GT10 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5119SDI-00-GT3 CATALYST-CAT5119SDI-00-GT3 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5119SDI-00-GT3 CATALYST-CAT5119SDI-00-GT3 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5119SDI-00-GT3 CATALYST-CAT5119SDI-00-GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5119SDI-00-T10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com