Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1013EC-70 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS616LV1013EC-70
Description  Very Low Power/Voltage CMOS SRAM 64K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1013EC-70 Datasheet(HTML) 7 Page - Brilliance Semiconductor

  BS616LV1013EC-70 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1013EC-70 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Revision 1.1
Jan.
2004
7
R0201-BS616LV1013
BSI
BS616LV1013
WRITE CYCLE2 (1,6)
t WC
t CW
(11)
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR
(3)
t DH
t DW
D
IN
D
OUT
WE
CE
ADDRESS
(5)
t OW
(7)
(8)
(8,9)
t BW
LB,UB
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE and WE low. All signals
must be active to initiate a write and any one signal can terminate a write by going inactive.
The data input setup and hold timing should be referenced to the second transition edge of
the signal that terminates the write.
3. TWR is measured from the earlier of CE or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase
to the outputs must not be applied.
5. If the CE low transition occurs simultaneously with the WE low transitions or after the WE
transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL ).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. Transition is measured
500mV from steady state with CL = 5pF as shown in Figure 1B.
The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE going low to the end of write.
12. The change of Read/Write cycle must accompany with CE or address toggled.
±


Similar Part No. - BS616LV1013EC-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010AC BSI-BS616LV1010AC Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010AC55 BSI-BS616LV1010AC55 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616LV1013EC-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
BS616LV1010 BSI-BS616LV1010_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
logo
AMIC Technology
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com