Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1615FCG55 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV1615FCG55
Description  Very Low Power/Voltage CMOS SRAM 1M X 16 bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1615FCG55 Datasheet(HTML) 8 Page - Brilliance Semiconductor

  BS616LV1615FCG55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1615FCG55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1615FCG55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1615FCG55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1615FCG55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1615FCG55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1615FCG55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1615FCG55 Datasheet HTML 8Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Revision 2.1
Jan.
2004
8
BS616LV1615
BSI
R0201-BS616LV1615
ORDERING INFORMATION
PACKAGE DIMENSIONS
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
12.0
9.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D0.1
D1
SOLDER BALL 0.35±0.05
VIEW A
3.375
48 mini-BGA (9mm x 12mm)
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products
for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support
systems and critical medical instruments.
BS616LV1615 X X
Z
Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
55: 55ns
70: 70ns
PKG MATERIAL
-: Normal
G: Green
P: Pb free
PACKAGE
F :BGA-48-0912


Similar Part No. - BS616LV1615FCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611FC BSI-BS616LV1611FC Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results

Similar Description - BS616LV1615FCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV161 BSI-BS616LV161 Datasheet
254Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com