Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1622TC Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS616LV1622TC
Description  Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1622TC Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS616LV1622TC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 9Page - Brilliance Semiconductor BS616LV1622TC Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Revision 2.1
Jan.
2004
10
BSI
BS616LV1622
R0201-BS616LV1622
ORDERING INFORMATION
PACKAGE DIMENSIONS
TSOP1-48 (12mm x 20mm)
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products
for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support
systems and critical medical instruments.
BS616LV1622 X X
Z
Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
55: 55ns
70: 70ns
PKG MATERIAL
-: Normal
G: Green
P: Pb free
PACKAGE
T : TSOP1-48(12mmx20mm)


Similar Part No. - BS616LV1622TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1622TC-55 BSI-BS616LV1622TC-55 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TC-70 BSI-BS616LV1622TC-70 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TCG55 BSI-BS616LV1622TCG55 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TCG70 BSI-BS616LV1622TCG70 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV1622TCP55 BSI-BS616LV1622TCP55 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
More results

Similar Description - BS616LV1622TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com