Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8421-CNZ Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8421-CNZ
Description  32-bit, 192 kHz Asynchronous Sample Rate Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421-CNZ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8421-CNZ Datasheet HTML 2Page - Cirrus Logic CS8421-CNZ Datasheet HTML 3Page - Cirrus Logic CS8421-CNZ Datasheet HTML 4Page - Cirrus Logic CS8421-CNZ Datasheet HTML 5Page - Cirrus Logic CS8421-CNZ Datasheet HTML 6Page - Cirrus Logic CS8421-CNZ Datasheet HTML 7Page - Cirrus Logic CS8421-CNZ Datasheet HTML 8Page - Cirrus Logic CS8421-CNZ Datasheet HTML 9Page - Cirrus Logic CS8421-CNZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS8421
6
DS641PP1
PERFORMANCE SPECIFICATIONS (XTI/XTO = 27 MHz; Input signal = 1.000 kHz, 0 dBFS,
Measurement Bandwidth = 20 to Fso/2 Hz, and Word Width = 32-Bits, unless otherwise stated.)
DIGITAL FILTER CHARACTERISTICS
Notes: 3. The equation for the group delay through the sample rate converter is (56.581 / Fsi) + (55.658 / Fso).
For example, if the input sample rate is 192 kHz and the output sample rate is 96 kHz, the group delay
through the sample rate converter is (56.581/192,000) + (55.658/96,000) =.875 milliseconds.
Parameter
Min
Typ
Max
Units
Resolution
16
-
32
bits
Sample Rate with XTI = 27.000 MHz
Slave
Master
7.2
53
-
-
207
211
kHz
kHz
Sample Rate with other XTI clocks
Slave
Master
XTI/3750
XTI/512
-
-
XTI/130
XTI/128
kHz
kHz
Sample Rate with ring oscillator (XTI to GND or VL, XTO floating)
12
-
96
kHz
Sample Rate Ratio - Upsampling
-
-
1:8
Sample Rate Ratio - Downsampling
-
-
7.5:1
Interchannel Gain Mismatch
-
0.0
-
dB
Interchannel Phase Deviation
-
0.0
-
Degrees
Peak Idle Channel Noise Component (32-bit operation)
-
-
-192
dBFS
Dynamic Range (20 Hz to Fso/2, 1 kHz, -60 dBFS Input)
44.1 kHz:48 kHz
A-Weighted
Unweighted
-
-
180
177
-
-
dB
dB
44.1 kHz:192 kHz
A-Weighted
Unweighted
-
-
175
172
-
-
dB
dB
48 kHz:44.1 kHz
A-Weighted
Unweighted
-
-
180
177
-
-
dB
dB
48 kHz:96 kHz
A-Weighted
Unweighted
-
-
179
176
-
-
dB
dB
96 kHz:48 kHz
A-Weighted
Unweighted
-
-
176
173
-
-
dB
dB
192kHz:32kHz
A-Weighted
Unweighted
-
-
175
172
-
-
dB
dB
Total Harmonic Distortion + Noise (20Hz to Fso/2, 1kHz, 0dBFS
Input)
32 kHz:48 kHz
-
-161
-
dB
44.1 kHz:48 kHz
-
-171
-
dB
44.1 kHz:192 kHz
-
-130
-
dB
48 kHz:44.1 kHz
-
-160
-
dB
48 kHz:96 kHz
-
-148
-
dB
96 kHz:48 kHz
-
-168
-
dB
192 kHz:32 kHz
-
-173
-
dB
Parameter
Min
Typ
Max
Units
Passband (Upsampling or Downsampling)
-
-
0.4535*Fso
Hz
Passband Ripple
-
-
±0.007
dB
Stopband
0.5465*Fso
-
-
Hz
Stopband Attenuation
125
-
-
dB
Group Delay
(Note 3)
ms


Similar Part No. - CS8421-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421-CNZ CIRRUS-CS8421-CNZ Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CNZ CIRRUS-CS8421-CNZ Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CNZ CIRRUS-CS8421-CNZ Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421-CNZR CIRRUS-CS8421-CNZR Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421-CNZR CIRRUS-CS8421-CNZR Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results

Similar Description - CS8421-CNZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Cirrus Logic
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
   24-bit, 192 kHz, Asynchronous Sample Rate Converter with
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com