Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1366B-225AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1366B-225AC
Description  9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1366B-225AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1366B-225AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 13Page - Cypress Semiconductor CY7C1366B-225AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CY7C1366B
CY7C1367B
Document #: 38-05096 Rev. *B
Page 10 of 32
VDDQ
4,11,20,27,
54,61,70,77
A1,A7,F1,
F7,J1,J7,
M1,M7,U1,
U7
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,K3,
K9,L3,L9,M3,
M9,N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
MODE
31
R3
R1
Input-
Static
Selects Burst Order. When tied to GND selects linear
burst sequence. When tied to VDD or left floating selects
interleaved burst sequence. This is a strap pin and
should remain static during device operation. Mode Pin
has an internal pull-up.
TDO
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on
the negative edge of TCK. If the JTAG feature is not
being utilized, this pin should be left unconnected. This
pin is not available on TQFP packages.
TDI
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the
rising edge of TCK. If the JTAG feature is not being uti-
lized, this pin can be left floating or connected to VDD
through a pull up resistor. This pin is not available on
TQFP packages.
TMS
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the
rising edge of TCK. If the JTAG feature is not being uti-
lized, this pin can be disconnected or connected to VDD.
This pin is not available on TQFP packages.
TCK
U4
R7
JTAG-
Clock
Clock input to the JTAG circuitry. If the JTAG feature
is not being utilized, this pin must be connected to VSS.
This pin is not available on TQFP packages.
NC
1,2,3,6,7,14,
16,25,28,29,
30,38,39,42,
51,52,53,56,
57,66,75,78,
79,95,96
B1,B7,C1,
C7,D2,D4,
D7,E1,E6,
H2,F2,G1,
G6,H7,J3,
J5,K1,K6,
L4,L2,L7,
M6,N2,L7,
P1,P6,R1,
R5,R7,T1,
T4,U6
A5,B1,B4,C1
,C2,C10,D1,
D10,E1,E10,
F1,F10,G1,
G10,H1,H3,
H9,H10,J2,
J11,K2,K11,
L2,L1,M2,
M11,N2,N10,
N5,N7,N11,
P1,A1,B11,
P2,R2,N6
No Connects. Not internally connected to the die.
CY7C1367B–Pin Definitions (continued)
Name
TQFP
BGA
(2-Chip
Enable)
fBGA
I/O
Description


Similar Part No. - CY7C1366B-225AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-150AC CYPRESS-CY7C1366A-150AC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-150AJC CYPRESS-CY7C1366A-150AJC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-150BGC CYPRESS-CY7C1366A-150BGC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1366A-166AC CYPRESS-CY7C1366A-166AC Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
More results

Similar Description - CY7C1366B-225AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com